Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C512TRPDI-15 Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 27C512TRPDI-15
Description  512K (64K x 8-Bit) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

27C512TRPDI-15 Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 27C512TRPDI-15 Datasheet HTML 7Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 8Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 9Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 10Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 11Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 12Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 13Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 14Page - Maxwell Technologies 27C512TRPDI-15 Datasheet HTML 15Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
512K (64K x 8-Bit) OTP EPROM
27C512T
06.24.03 REV 4
FIGURE 5. BYTE PROGRAMMING TIMING WAVEFORM
DEVICE IDENTIFIER MODE DESCRIPTION
The Device Identifier Mode allows binary codes to be read from the outputs that identify the manufacturer and the type
of device. Using this mode with programming equipment, the device will automatically match its own erase and pro-
gramming algorithm.
1. V
CC = 5.0V + 10%.
2. A
9 = 12.0V + 0.5V.
3. A
1-A8, A10-A16, CE, OE = VIL, PGM = VIH.
4. X = Don’t care.
27C512T SERIES IDENTIFIER CODE
IDENTIFIER
A
0
I/O
7
I/O
6
I/O
5
I/O
4
I/O
3
I/O
2
I/O
1
I/O
0
HEX DATA
MANUFACTURER CODE
V
IL
00000111
07
DEVICE CODE
V
IH
00111000
38


Similar Part No. - 27C512TRPDI-15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C512 STMICROELECTRONICS-27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
logo
Macronix International
27C512-10 MCNIX-27C512-10 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
27C512-12 MCNIX-27C512-12 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
logo
STMicroelectronics
27C512-120 STMICROELECTRONICS-27C512-120 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
logo
Macronix International
27C512-15 MCNIX-27C512-15 Datasheet
759Kb / 15P
   512K-BIT [64Kx8] CMOS EPROM
More results

Similar Description - 27C512TRPDI-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Holtek Semiconductor In...
HT27C040 HOLTEK-HT27C040 Datasheet
98Kb / 9P
   COMS 512K x 8-Bit OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com