Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F0408RPFE Datasheet(PDF) 8 Page - Maxwell Technologies

Part # 29F0408RPFE
Description  32 Megabit (4M x 8-Bit) Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

29F0408RPFE Datasheet(HTML) 8 Page - Maxwell Technologies

Back Button 29F0408RPFE Datasheet HTML 4Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 5Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 6Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 7Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 8Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 9Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 10Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 11Page - Maxwell Technologies 29F0408RPFE Datasheet HTML 12Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
32 Megabit (4M x 8-Bit) Flash Memory
29F0408
11.08.02 Rev 2
block information and create the invalid block table via the following suggested flow chart (Figure 1). Any intentional
erasure of the original block information is prohibited.
FIGURE 1. FLOW CHART TO CREATE INVALID BLOCK TABLE
Error in write or read operation
Over its lifetime, the additional invalid blocks may occur. Through the tight process control and intensive testing, addi-
tional block failure rate is minimized which is projected below 0.1% until 1 million program/erase cycles. Refer to the
qualification report for the actual data. The following possible failure modes should be considered to implement a
highly reliable system. In the case of status read failure after erase or program, block replacement should be done. To
improve the efficiency of memory space, it is recommended that the read or verification failure due to single bit error
be reclaimed by ECC without any block replacement. The said additional block failure rate does not include those
reclaimed blocks.
ECC: Error Correcting Code
Æ Hamming Code, etc.
Example. 1-bit correction and 2-bit detection
FAILURE MODE
DETECTION AND COUNTERMEASURE
Write
Erase failure
Status read after erase
Æ Block replacement
Program failure
Status read after program
Æ Block replacement
Read back (verify after program)
Æ Block replacement or
ECC correction
Read
Single bit failure
Verify ECC
Æ ECC correction


Similar Part No. - 29F0408RPFE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F040 STMICROELECTRONICS-29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
logo
Advanced Micro Devices
29F040 AMD-29F040 Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Macronix International
29F040-12 MCNIX-29F040-12 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-55 MCNIX-29F040-55 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-70 MCNIX-29F040-70 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results

Similar Description - 29F0408RPFE

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29P640T-70TI EON-EN29P640T-70TI Datasheet
569Kb / 55P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
logo
Samsung semiconductor
K9F3208W0A- SAMSUNG-K9F3208W0A- Datasheet
558Kb / 27P
   4M x 8 Bit NAND Flash Memory
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com