Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28C256TRT2FS-12 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 28C256TRT2FS-12
Description  256K EEPROM (32K x 8-Bit) EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28C256TRT2FS-12 Datasheet(HTML) 5 Page - Maxwell Technologies

  28C256TRT2FS-12 Datasheet HTML 1Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 2Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 3Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 4Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 5Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 6Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 7Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 8Page - Maxwell Technologies 28C256TRT2FS-12 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
256K EEPROM (32K x 8-Bit) EEPROM
28C256T
02.18.02 Rev5
WE Pulse Width
-120
-150
CE Pulse Width
-120
-150
9, 10, 11
t
WP
2
t
CW
3
200
250
200
250
--
--
--
--
--
--
--
--
ns
Address Hold Time
-120
-150
9, 10, 11
t
AH
150
150
--
--
--
--
ns
Data Setup Time
-120
-150
9, 10, 11
t
DS
75
100
--
--
--
--
ns
Data Hold Time
-120
-150
9, 10, 11
t
DH
10
10
--
--
--
--
ns
Chip Enable Hold Time2
-120
-150
9, 10, 11
t
CH
0
0
--
--
--
--
ns
Output Enable to Write Setup Time
-120
-150
9, 10, 11
t
OES
0
0
--
--
--
--
ns
Output Enable Hold Time
-120
-150
9, 10, 11
t
OEH
0
0
--
--
--
--
ns
Data Latch Time4
-120
-150
9, 10, 11
t
DL
--
--
230
280
--
--
ns
Write Cycle Time
-120
-150
9, 10, 11
t
WC
--
--
--
--
10
10
ms
Byte Load Window4
-120
-150
9, 10, 11
t
BL
--
--
100
100
--
--
us
Byte Load Cycle4
-120
-150
9, 10, 11
t
BLC
0.55
0.55
--
--
30
30
us
Write Start Time
-120
-150
9, 10, 11
t
DW
150
150
--
--
--
--
ns
1. Use this device in a longer cycle than this value.
2. WE controlled operation.
3. CE controlled operation.
4. Not tested.
TABLE 8. 28C256T AC ELECTRICAL CHARACTERISTICS FOR PAGE/BYTE ERASE AND WRITE OPERATIONS
(V
CC = 5V ±10%, TA = -55 TO 125 ° C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
SYMBOL
MIN1
TYP
MAX
UNITS


Similar Part No. - 28C256TRT2FS-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
28C256 XICOR-28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
ATMEL Corporation
28C256 ATMEL-28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
logo
Catalyst Semiconductor
28C256 CATALYST-28C256 Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
More results

Similar Description - 28C256TRT2FS-12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
ATMEL Corporation
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
Austin Semiconductor
AS8E32K32 AUSTIN-AS8E32K32 Datasheet
153Kb / 12P
   32K x 32 EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com