Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM9715 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NM9715
Description  PCI Dual 1284 Printer Ports
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NM9715 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NM9715 Datasheet HTML 1Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 2Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 3Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 4Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 5Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 6Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 7Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 8Page - List of Unclassifed Manufacturers NM9715 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Page 4
Nm9715
PCI Dual 1284 Printer Ports
Rev. 1.2
Pin Name
128
Type
Description
nRESET
121
I
PCI system reset (active low). Resets all internal register, sequencers, and
signals to a consistent state. During reset condition, AD31-0 and nSER are
three-stated.
AD31-29 126-128
I/O
Multiplexed PCI address/data bus. A bus transaction consists of an address
phase followed by one or more data phases. During the address phase AD31-
0 contain a physical address. Write data is stable and valid when nIRDY and
nTRDY are asserted (active).
AD28-24
2-6
I/O
See AD31-29 description.
AD23-16
11-18
I/O
See AD31-29 description.
AD15-11
34-38
I/O
See AD31-29 description.
AD10-8
40-42
I/O
See AD31-29 description.
AD7-0
46-53
I/O
See AD31-29 description.
nFRAME
23
I
Frame is driven by the current master to indicate the beginning and duration
of an access. nFRAME is asserted to indicate a bus transaction is beginning.
While nFRAME is active, data transfer continues.
nIRDY
24
I
Initiator Ready. During a write, nIRDY asserted indicates that the initiator is
driving valid data onto the data bus. During a read, nIRDY asserted indicates
that the initiator is ready to accept data from the Nm9715.
nTRDY
25
O
Target Ready (three-state). It is asserted when Nm9715 is ready to complete
the current data phase.
nSTOP
27
O
Nm9715 asserts nSTOP to indicate that it wishes the initiator to stop the
transaction in process on the current data phase.
nLOCK
28
I
Lock indicates an atomic operation that may require multiple transactions to
complete.
IDSEL
9
I
Initialization Device Select. It is used as a chip select during configuration
read and write transactions.
nDEVSEL
26
O
Device Select (three-state). Nm9715 asserts nDEVSEL when the Nm9715
has decoded its address.
nPERR
29
O
Parity Error (three-state). Is used to report parity errors during all PCI trans-
actions except a special cycle. The minimum duration of nPERR is one clock
cycle.


Similar Part No. - NM9715

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C06 FAIRCHILD-NM93C06 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C06EM8 FAIRCHILD-NM93C06EM8 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C06EMT8 FAIRCHILD-NM93C06EMT8 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C06EN FAIRCHILD-NM93C06EN Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
More results

Similar Description - NM9715

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NM9805 ETC-NM9805 Datasheet
94Kb / 16P
   PCI 1284 Printer Port
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
   IEEE 1284 SPECIAL PRINTER CABLE
AK713-5-R ASSMANN-AK713-5-R Datasheet
146Kb / 1P
   IEEE 1284 Bi-Directional Printer Cable
AK711-18-R ASSMANN-AK711-18-R Datasheet
145Kb / 1P
   IEEE 1284 Bi-Directional Printer Cable
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
   USB to Parallel IEEE 1284 Printer Adapter
logo
Tripp Lite. All Rights ...
B170-002-R TRIPPLITE-B170-002-R Datasheet
495Kb / 2P
   2-Port IEEE-1284 Parallel Printer Auto Sharing Switch
logo
Advantech Co., Ltd.
ARK-3381 ADVANTECH-ARK-3381 Datasheet
375Kb / 2P
   Seven Serial Ports and 2 Printer Ports, Compact System
logo
Tripp Lite. All Rights ...
P606003 TRIPPLITE-P606003 Datasheet
472Kb / 2P
   IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 3-ft
P606015 TRIPPLITE-P606015 Datasheet
495Kb / 2P
   IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 15-ft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com