Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3887 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB3887
Description  DC/DC Converter IC for Charging Li-ion battery
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3887 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB3887 Datasheet HTML 5Page - Fujitsu Component Limited. MB3887 Datasheet HTML 6Page - Fujitsu Component Limited. MB3887 Datasheet HTML 7Page - Fujitsu Component Limited. MB3887 Datasheet HTML 8Page - Fujitsu Component Limited. MB3887 Datasheet HTML 9Page - Fujitsu Component Limited. MB3887 Datasheet HTML 10Page - Fujitsu Component Limited. MB3887 Datasheet HTML 11Page - Fujitsu Component Limited. MB3887 Datasheet HTML 12Page - Fujitsu Component Limited. MB3887 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MB3887
9
(Ta
= +25 °C, VCC = 19 V, VCC (O) = 19 V, VREF = 0 mA)
* : Standard design value
(Continued)
Parameter
Sym-
bol
Pin
No.
Conditions
Value
Unit
Min
Typ
Max
5-2.
Error amplifier
block
[Error Amp3]
Threshold voltage
VTH1
16
FB3
= 2 V, Ta = +25 °C
4.183
4.200
4.225
V
VTH2
16
FB3
= 2 V,
Ta
= −10 °C to +85 °C
4.169
4.200
4.231
V
Input current
IINE3
16
−INE3 = 0 V
−100
−30
nA
Voltage gain
AV
15
DC
100*
dB
Frequency
bandwidth
BW
15
AV
= 0 dB
2*
MHz
Output voltage
VFBH
15
4.7
4.9
V
VFBL
15
⎯⎯
20
200
mV
Output source
current
ISOURCE
15
FB3
= 2 V
⎯−2
−1mA
Output sink current
ISINK
15
FB3
= 2 V
150
300
⎯µA
OUTD terminal
output leak current
ILEAK
11
OUTD
= 17 V
01
µA
OUTD terminal
output ON resistor
RON
11
OUTD
= 1 mA
35
50
6.
Current detec-
tion amplifier
block
[Current
Amp1, Current
Amp2]
Input offset voltage
VIO
1,
12,
13,
24
+INC1 = +INC2 =
−INC1 = −INC2 =
3 V to VCC
−3
⎯+3mV
Input current
I+INCH
13,
24
+INC1 = +INC2 =
3 V to VCC,
∆VIN = −100 mV
20
30
µA
I−INCH
1, 12
+INC1 = +INC2 =
3 V to VCC,
∆Vin = −100 mV
0.1
0.2
µA
I+INCL
13,
24
+INC1 = +INC2 = 0 V,
∆Vin = −100 mV
−180
−120
⎯µA
I−INCL
1, 12 +
INC1
= +INC2 = 0 V,
∆Vin = −100 mV
−195
−130
⎯µA


Similar Part No. - MB3887

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3887 FUJITSU-MB3887 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
MB3887PFV FUJITSU-MB3887PFV Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
More results

Similar Description - MB3887

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119 Datasheet
598Kb / 53P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
logo
Cypress Semiconductor
MB39A134 CYPRESS-MB39A134 Datasheet
1Mb / 44P
   DC/DC Converter ICfor Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119_08 Datasheet
1Mb / 52P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB39A107 FUJITSU-MB39A107 Datasheet
532Kb / 45P
   DC/DC Converter IC for Charging Li-ion Battery with Synchronous Rectifier
MB39A132QN-G-ERE1 FUJITSU-MB39A132QN-G-ERE1 Datasheet
526Kb / 56P
   ASSP For Power Management Applications (Rechargeable Battery) Synchronous Rectification DC/DC Converter IC for Charging Li-ion Battery
MB3879 FUJITSU-MB3879 Datasheet
544Kb / 54P
   DC/DC Converter IC for Parallel Charging of 3/4 cell Li-ion & NiMH Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com