Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-S2137 Datasheet(PDF) 3 Page - Yellow Stone Corp

Part # BL-S2137
Description  STANDARD LED LAMPS (CYLINDRICAL TYPES)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-S2137 Datasheet(HTML) 3 Page - Yellow Stone Corp

  BL-S2137 Datasheet HTML 1Page - Yellow Stone Corp BL-S2137 Datasheet HTML 2Page - Yellow Stone Corp BL-S2137 Datasheet HTML 3Page - Yellow Stone Corp BL-S2137 Datasheet HTML 4Page - Yellow Stone Corp BL-S2137 Datasheet HTML 5Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STANDARD LED LAMPS (TOWER TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Lengt
h
λ
P
(nm)
Lens
Appearance
Δλ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ
Max
Typ
Viewi
ng
Angle
2
θ 1⁄2
(deg)
Drawi
ng
No.
BL-S5131
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.2
BL-S4531
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
6.0
BL-S2131
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
6.0
Panel
Dot
1.0
″ Lead
φ1.75
BL-S3131
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
4.0
75
L-044
BL-S5132
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.2
BL-S4532
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
6.0
BL-S2132
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
6.0
BL-SX1132
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
9.0
BL-S3132
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
5.0
1.0
″ Lead
Tower
φ3.0
BL-S4132
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
6.0
100
L-045
BL-S5133
GaP
⁄GaP⁄Bright Red
700
90
40
15
50
2.2
2.6
1.4
BL-S4533
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
6.0
BL-S2133
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
6.0
BL-SX1133
GaP/Gap/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
9.0
BL-S3133
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
5.0
1.0
″ Lead
Tower
φ2.75
BL-S4133
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
6.0
100
L-046
BL-S5136
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.2
BL-S4536
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
7.0
BL-S2136
GaP/Gap/Green
568
30
80
30
150
2.2
2.6
7.0
BL-SX1136
GaP/Gap/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
10.0
BL-S3136
GaAsP
⁄GaP⁄Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
6.0
1.0
″ Lead
Tower
φ2.0
BL-S4136
GaAsP
⁄GaP⁄Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
7.0
70
L-047
BL-S5137
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
15
BL-S4537
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
22
BL-S2137
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
22
BL-SX1137
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
25
BL-S3137
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
21
1.0
″ Lead
Tower
φ2.8
BL-S4137
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
22
100
L-048
BL-S5137A
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
15
BL-S4537A
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
22
BL-S2137A
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
22
BL-SX1137A GaAsP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
25
BL-S3137A
GaAsP/GaP/Orange
585
Yellow Diffused
35
80
30
150
2.1
2.6
21
1.0
″ Lead
Tower
φ3.0
BL-S4137A
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
22
70
L-049
BL-S51L8
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-S45L8
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
5.0
BL-S21L8
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
5.0
BL-SX11L8
GaAsP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
8.0
BL-S31L8
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
4.0
1.0
″ Lead
Tower
φ1.8
BL-S41LL8
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
5.0
70
L-050
BL-S5149
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-S4549
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
8.0
BL-S2149
GaP/Gap/Green
568
Green Diffused
30
80
30
150
2.2
2.6
8.0
BL-S31149
GaAsP/GaP/Green
568
Yellow Diffused
30
80
30
150
2.2
2.6
7.0
1.0
″ Lead
Tower
φ2.0
BL-S4149
GaAsP/GaP/Orange
635
Orange Diffused
35
80
30
150
2.1
2.6
8.0
100
L-051
BL-S5149A
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.0
BL-S4549A
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
8.0
BL-S2149A
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
8.0
1.0
″ Lead
Tower
φ2.0
BL-S31149A
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
7.0
120
L-052
Remark: 1.
Hi-eff Red/Hight-Effici1ency Red.
2.
Trans/Transparent.
3.
2
θ 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.


Similar Part No. - BL-S2137

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-S2137 YSTONE-BL-S2137 Datasheet
659Kb / 2P
   STANDARD LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-S2137 BRIGHT-BL-S2137 Datasheet
133Kb / 2P
   GaP/GaP Green Low power consumption.
logo
Yellow Stone Corp
BL-S2137A YSTONE-BL-S2137A Datasheet
659Kb / 2P
   STANDARD LED LAMPS
More results

Similar Description - BL-S2137

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-R1132D YSTONE-BL-R1132D Datasheet
641Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R1141H YSTONE-BL-R1141H Datasheet
178Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com