Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44H11-001 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJD44H11-001
Description  SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD44H11-001 Datasheet(HTML) 5 Page - ON Semiconductor

  MJD44H11-001 Datasheet HTML 1Page - ON Semiconductor MJD44H11-001 Datasheet HTML 2Page - ON Semiconductor MJD44H11-001 Datasheet HTML 3Page - ON Semiconductor MJD44H11-001 Datasheet HTML 4Page - ON Semiconductor MJD44H11-001 Datasheet HTML 5Page - ON Semiconductor MJD44H11-001 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJD44H11 (NPN) MJD45H11 (PNP)
http://onsemi.com
5
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
VCE = 4 V
TJ = 125°C
25°C
−40 °C
1000
0.1
Figure 4. MJD44H11 DC Current Gain
10
110
100
Figure 5. MJD45H11 DC Current Gain
Figure 6. MJD44H11 Current Gain
versus Temperature
Figure 7. MJD45H11 Current Gain
versus Temperature
IC/IB = 10
TJ = 25°C
0.1
Figure 8. MJD44H11 On−Voltages
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.2
0.4
0
0.6
0.2
110
TJ = 25°C
Figure 9. MJD45H11 On−Voltages
VCE = 1 V
IC/IB = 10
TJ = 25°C
0.1
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.2
0.4
0
0.6
0.2
1
10
1000
0.1
10
110
100
VCE = 1 V
IC, COLLECTOR CURRENT (AMPS)
VCE = 4 V
1000
0.1
10
110
100
TJ = 25°C
1 V
TJ = 125°C
25°C
−40 °C
1000
0.1
10
110
100
VCE = 1 V
VBE(sat)
VCE(sat)
VBE(sat)
VCE(sat)


Similar Part No. - MJD44H11-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11-001 ONSEMI-MJD44H11-001 Datasheet
76Kb / 7P
   Complementary Power Transistors
January, 2006 ??Rev. 7
MJD44H11-001G ONSEMI-MJD44H11-001G Datasheet
76Kb / 7P
   Complementary Power Transistors
January, 2006 ??Rev. 7
More results

Similar Description - MJD44H11-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com