Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE18002 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJE18002
Description  POWER TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18002 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MJE18002 Datasheet HTML 2Page - ON Semiconductor MJE18002 Datasheet HTML 3Page - ON Semiconductor MJE18002 Datasheet HTML 4Page - ON Semiconductor MJE18002 Datasheet HTML 5Page - ON Semiconductor MJE18002 Datasheet HTML 6Page - ON Semiconductor MJE18002 Datasheet HTML 7Page - ON Semiconductor MJE18002 Datasheet HTML 8Page - ON Semiconductor MJE18002 Datasheet HTML 9Page - ON Semiconductor MJE18002 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MJE18002 MJF18002
6
Motorola Bipolar Power Transistor Device Data
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
TIME
VCE
IB
1
µs
3
µs
90% IB
dyn 1
µs
dyn 3
µs
10
9
8
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
8
TIME
IB
IC
tsi
VCLAMP
10% VCLAMP
90% IB1
10% IC
TC
90% IC
tfi
Figure 18. Dynamic Saturation Voltage Measurements
Figure 19. Inductive Switching Measurements
Table 1. Inductive Load Switching Drive Circuit
+15 V
1
µF
150
3 V
100
3 V
MPF930
+10 V
50
COMMON
–Voff
500
µF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150
3 V
100
µF
Iout
A
Rb1
Rb2
1
µF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2
V(BR)CEO(sus)
L = 10
µH
RB2 =
VCC = 20 VOLTS
IC(pk) = 100 mA
INDUCTIVE SWITCHING
L = 200
µH
RB2 = 0
VCC = 15 VOLTS
RB1 SELECTED FOR
DESIRED IB1
RBSOA
L = 500
µH
RB2 = 0
VCC = 15 VOLTS
RB1 SELECTED
FOR DESIRED IB1


Similar Part No. - MJE18002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Savantic, Inc.
MJE18002 SAVANTIC-MJE18002 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE18002 ISC-MJE18002 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJE18002 SAVANTIC-MJE18002 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Motorola, Inc
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
More results

Similar Description - MJE18002

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com