Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE15029 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE15029
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE15029 Datasheet(HTML) 1 Page - ON Semiconductor

  MJE15029 Datasheet HTML 1Page - ON Semiconductor MJE15029 Datasheet HTML 2Page - ON Semiconductor MJE15029 Datasheet HTML 3Page - ON Semiconductor MJE15029 Datasheet HTML 4Page - ON Semiconductor MJE15029 Datasheet HTML 5Page - ON Semiconductor MJE15029 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 7
1
Publication Order Number:
MJE15028/D
MJE15028, MJE15030 (NPN),
MJE15029, MJE15031 (PNP)
Complementary Silicon
Plastic Power Transistors
These devices are designed for use as high−frequency drivers in
audio amplifiers.
Features
High Current Gain − Bandwidth Product
TO−220 Compact Package
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJE15028G, MJE15029G
MJE15030G, MJE15031G
VCEO
120
150
Vdc
Collector−Base Voltage
MJE15028G, MJE15029G
MJE15030G, MJE15031G
VCB
120
150
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
IC
8.0
Adc
Collector Current − Peak
ICM
16
Adc
Base Current
IB
2.0
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
°C
PD
50
0.40
W
W/
_C
Total Device Dissipation
@ TA = 25_C
Derate above 25
°C
PD
2.0
0.016
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.5
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
8 AMPERE
POWER TRANSISTORS
COMPLEMENTARY SILICON
120−150 VOLTS, 50 WATTS
TO−220
CASE 221A
STYLE 1
1
http://onsemi.com
MARKING DIAGRAM
2
3
MJE150xx = Device Code
x = 28, 29, 30, or 31
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MJE150xxG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
4
1
BASE
3
EMITTER
COLLECTOR
2,4
1
BASE
3
EMITTER
COLLECTOR
2,4
NPN
PNP


Similar Part No. - MJE15029

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE15029 MOSPEC-MJE15029 Datasheet
208Kb / 4P
   POWER TRANSISTORS(8.0A,120-150V,50W)
logo
ON Semiconductor
MJE15029 ONSEMI-MJE15029 Datasheet
82Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 7
logo
Motorola, Inc
MJE15029 MOTOROLA-MJE15029 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
Boca Semiconductor Corp...
MJE15029 BOCA-MJE15029 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
ON Semiconductor
MJE15029 ONSEMI-MJE15029 Datasheet
79Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
More results

Similar Description - MJE15029

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com