Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3S-1100P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # B3S-1100P
Description  Mechanical Key Switch (SMD)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3S-1100P Datasheet(HTML) 5 Page - Omron Electronics LLC

  B3S-1100P Datasheet HTML 1Page - Omron Electronics LLC B3S-1100P Datasheet HTML 2Page - Omron Electronics LLC B3S-1100P Datasheet HTML 3Page - Omron Electronics LLC B3S-1100P Datasheet HTML 4Page - Omron Electronics LLC B3S-1100P Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
B3S
B3S
5
Key Switch Packing
Key Switches are packed on tape as shown below.
Top tape
Material: PET
Carrier tape
(Material:
PS+butadiene)
Tape reel
Label
330 dia.
13 dia.
21.5
Tape drawing direction
1.5 dia.+0.1/0
Pitch: 12
±0.1
Pitch: 4
±0.1
2
1.5
9.4
Standard
Conforms to EIAJ standards
Package
1,000 Key Switches
Heat resistance
60
°C for 24 hours (without deformation)
Note:
The ground terminals of the Key Switches are on the guide-
hole side of the package.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. C108-E1-1
OMRON Corporation
Control Components Division H.Q.
28th Fl., Crystal Tower Bldg.
1-2-27, Shiromi, Chuo-ku,
Osaka 540 Japan
Phone: 06-949-6115 Fax: 06-949-6134
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
In the interest of product improvement, specifications are subject to change without notice.
Printed in Japan
0697-1M (0697) a


Similar Part No. - B3S-1100P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3S-1100P OMRON-B3S-1100P Datasheet
278Kb / 4P
   Tactile Switch
B3S-1100P OMRON-B3S-1100P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
B3S-1100P OMRON-B3S-1100P Datasheet
244Kb / 3P
   Sealed Tactile Switch (SMT)
B3S-1100P OMRON-B3S-1100P Datasheet
189Kb / 3P
   Sealed construction conforming to IP67 (IEC-60529) provides high contact reliability in locations exposed to dust or water
More results

Similar Description - B3S-1100P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
   Mechanical Key Switch
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
   Mechanical Key Switch
B3J OMRON-B3J Datasheet
140Kb / 4P
   Mechanical Key Switch(Hinged)
logo
Bourns Electronic Solut...
7916 BOURNS-7916 Datasheet
119Kb / 1P
   SMD 6mm Square Key Switch
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
7914 BOURNS-7914 Datasheet
254Kb / 2P
   4 mm SMD & Through-hole Sealed Key Switch
logo
ITT Industries
K5A22N ITT-K5A22N Datasheet
186Kb / 2P
   Snap Action Key Switch Switch
logo
C&K Components
K5A2 CK-COMPONENTS-K5A2 Datasheet
155Kb / 2P
   Snap Action Key Switch Switch
logo
Bourns Electronic Solut...
7914J-1-000E BOURNS-7914J-1-000E Datasheet
573Kb / 2P
   7914 4 mm SMD & Through-hole Sealed Key Switch
logo
C&K Components
K5G CK-COMPONENTS-K5G Datasheet
144Kb / 2P
   Snap Action Key Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com