Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANKCA1N5550 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JANKCA1N5550
Description  This specification covers the performance requirements for silicon, general purpose,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JANKCA1N5550 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JANKCA1N5550 Datasheet HTML 1Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 2Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 3Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 4Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 5Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 6Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 7Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 8Page - List of Unclassifed Manufacturers JANKCA1N5550 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MIL-PRF-19500/420H
19 April 2004
SUPERSEDING
MIL-PRF-19500/420G
30 December 2002
PERFORMANCE SPECIFICATION SHEET
* SEMICONDUCTOR DEVICE, DIODE, SILICON, POWER, RECTIFIER,
TYPES 1N5550 THROUGH 1N5554, 1N5550US THROUGH 1N5554US,
JAN, JANTX, JANTXV, JANS, JANHCA, JANHCB, JANHCC, JANHCD,
JANHCE, JANKCA, JANKCD, AND JANKCE
This specification is approved for use by all Departments
and Agencies of the Department of Defense.
*
The requirements for acquiring the product described herein shall consist of
this specification sheet and MIL-PRF-19500.
1. SCOPE
* 1.1 Scope. This specification covers the performance requirements for silicon, general purpose, semiconductor
diodes. Four levels of product assurance are provided for each encapsulated device type as specified in
MIL-PRF-19500. Two levels of product assurance are provided for each unencapsulated device type.
1.2 Physical dimensions. See figure 1 (similar to DO-41) for 1N5550 through 1N5554, figure 2 for 1N5550US
through 1N5554US, and figures 3, 4, 5, 6, and 7 for JANHC and JANKC die.
1.3 Maximum ratings. Unless otherwise specified, TC = +25°C and ratings apply to all case outlines.
Col. 1
Col. 2
Col. 3
Col. 4
Col. 5
Col. 6
Col. 7
Col. 8
Type
V(BR)
VRWM
and
V(BR)min
IO1
TL = +55°C;
L = .375 inch
(1) (2) (3)
IFSM
IO = 2 A dc
tp = 1/120 s
TA = +55°C
TJ
IO2
TA =
+55
°C
(2) (4)
TSTG
1N5550, 1N5550US
1N5551, 1N5551US
1N5552, 1N5552US
1N5553, 1N5553US
1N5554, 1N5554US
200
400
600
800
1,000
V dc
200
400
600
800
1,000
A dc
5
5
5
5
5
A(pk)
100
100
100
100
100
°C
-65 to +200
-65 to +200
-65 to +200
-65 to +200
-65 to +200
A dc
3
3
3
3
3
°C
-65 to +175
-65 to +175
-65 to +175
-65 to +175
-65 to +175
(1) Derate linearly at 41.6 mA/
°C above TL = +55°C at L = .375 inch (9.53 mm).
(2) An IO of up to 6 A dc is allowable provided that appropriate heat sinking or forced air cooling maintains the
maximum junction temperature at or below +200
°C as proven by the junction temperature rise test (see 6.5).
Barometric pressure reduced:
1N5550, 1N5551, 1N5552 - 8 mmHg (100,000 feet).
1N5553, 1N5554
- 33 mmHg (70,000 feet).
(3) Does not apply to surface mount devices.
(4) Derate linearly at 25 mA/
°C above TA = +55°C.
AMSC N/A
FSC 5961
INCH-POUND
The documentation and process conversion
measures necessary to comply with this revision
shall be completed by 19 July 2004.
* Comments, suggestions, or questions on this document should be addressed to Defense Supply Center,
Columbus, ATTN: DSCC-VAC, P.O. Box 3990, Columbus, OH 43216-5000, or emailed to
Semiconduction@dscc.dla.mil . Since contact information can change, you may want to verify the currency of
this address information using the ASSIST Online database at http://www.dodssp.daps.mil.


Similar Part No. - JANKCA1N5550

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANKCA1N4148 MICROSEMI-JANKCA1N4148 Datasheet
102Kb / 19P
   PERFORMANCE SPECIFICATION
More results

Similar Description - JANKCA1N5550

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
   This specification covers the requirements for application of CHAMP Cable Connectors
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com