Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK1932U-6 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK1932U-6
Description  ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1932U-6 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK1932U-6 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1932U-6 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1932U-6 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1932U-6 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1932U-6 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1932U-6 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
FEATURES:
Low Cost Complete Amplifier System
100Vpp Output Signal Into 10pF
Ultra Fast Transition Times: 1.7nS @ 50Vpp
User Adjustable Contrast and Brightness
TTL Compatible Blanking
On Board DC Reference Output
Customized Versions Readily Available
Available with Three Lead Bend Options
MIL-PRF-38534 CERTIFIED
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
ULTRA HIGH SPEED/VOLTAGE
VIDEO AMPLIFIER
SERIES
1932
DESCRIPTION:
The MSK 1932 Series of High Speed, High Voltage Video Amplifiers is designed to directly drive the cathode of
today's high performance CRT's. The MSK 1932 has user adjustable contrast and brightness levels and also comes
with a blanking function. The MSK 1932 can be directly connected to many video sources including RS170, RS343
and high speed video D/A converters. The MSK 1932 is available in four versions for different applications. The MSK
1932-0 has no internal high voltage resistor or inductor allowing the user to dissipate much of the power externally.
The MSK 1932-2, MSK 1932-4 and the MSK 1932-6 each have an internal resistor-inductor designed for optimum
bandwidth. The MSK 1932-6 has slightly lower bandwidth but can be operated from up to +130V. Each version of
the MSK 1932 is packaged in an isolated 22 pin insulated ceramic substrate that can be directly connected to a heat
sink using standard mounting techniques. The leads are available straight out, bent up or bent down.
EQUIVALENT SCHEMATIC
Helmet Mounted Displays
High Resolution RGB Displays
High Resolution Monochrome Displays
Automatic Test Equipment
Medical Monitors
CAE/CAD Station Monitors
TYPICAL APPLICATIONS
1
2
3
4
5
6
7
8
Ground
Ground
Blank
VEE
-Input
+Input
Ground
VGain
PIN-OUT INFORMATION
Output
Cath Rtn
Vcc
Vcc
Ground
Ground
17
18
19
20
21
22
Voff
Vref
Ground
+VHV RES
+VHV RES
Ground
+VHV
+VHV
9
10
11
12
13
14
15
16
Rev. B 8/00
1


Similar Part No. - MSK1932U-6

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1933 MSK-MSK1933 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-0 MSK-MSK1933D-0 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-2 MSK-MSK1933D-2 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-4 MSK-MSK1933D-4 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-6 MSK-MSK1933D-6 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
More results

Similar Description - MSK1932U-6

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1922 MSK-MSK1922 Datasheet
236Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1933 MSK-MSK1933 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
   HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX440 MAXIM-MAX440 Datasheet
526Kb / 12P
   High-Speed Video Multiplixer/Amplifier
Rev 1; 7/95
logo
Analog Devices
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
AD830 AD-AD830_15 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
logo
TOKO, Inc
TK15452V TOKO-TK15452V Datasheet
258Kb / 2P
   High speed triple video amplifier IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com