Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114EE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTC114EE
Description  NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114EE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDTC114EE Datasheet HTML 2Page - NXP Semiconductors PDTC114EE Datasheet HTML 3Page - NXP Semiconductors PDTC114EE Datasheet HTML 4Page - NXP Semiconductors PDTC114EE Datasheet HTML 5Page - NXP Semiconductors PDTC114EE Datasheet HTML 6Page - NXP Semiconductors PDTC114EE Datasheet HTML 7Page - NXP Semiconductors PDTC114EE Datasheet HTML 8Page - NXP Semiconductors PDTC114EE Datasheet HTML 9Page - NXP Semiconductors PDTC114EE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2004 Aug 05
6
Philips Semiconductors
Product specification
NPN resistor-equipped transistor;
R1 = 10 k
Ω, R2 = 10 kΩ
PDTC114E series
PACKAGE OUTLINES
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface mounted package; 3 leads
SOT416
97-02-28


Similar Part No. - PDTC114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EE PHILIPS-PDTC114EE Datasheet
64Kb / 8P
   NPN resistor-equipped transistor
1999 May 18
PDTC114EE NXP-PDTC114EE Datasheet
181Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PDTC114EE NXP-PDTC114EE Datasheet
717Kb / 17P
   NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
PDTC114EE PHILIPS-PDTC114EE Datasheet
717Kb / 17P
   NPN resistor-equipped transistors
Rev. 12-21 December 2011
logo
Nexperia B.V. All right...
PDTC114EE NEXPERIA-PDTC114EE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
More results

Similar Description - PDTC114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PEMD3 PHILIPS-PEMD3 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Nov 07
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
   PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PIMH9 PHILIPS-PIMH9 Datasheet
48Kb / 8P
   NPN resistor-equipped double transistor; R1 = 10 kohm, R2 = 47 kohm
2001 Sep 13
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PEMH4 PHILIPS-PEMH4 Datasheet
48Kb / 8P
   NPN resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PDTA114Y PHILIPS-PDTA114Y Datasheet
92Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
2004 Aug 02
PDTC123J PHILIPS-PDTC123J Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 kOHM, R2 = 47 kOHM
2004 Aug 13
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com