Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHF2805S Datasheet(PDF) 9 Page - International Rectifier

Part # AHF2805S
Description  28V Input, Single and Dual Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S Datasheet(HTML) 9 Page - International Rectifier

Back Button AHF2805S Datasheet HTML 5Page - International Rectifier AHF2805S Datasheet HTML 6Page - International Rectifier AHF2805S Datasheet HTML 7Page - International Rectifier AHF2805S Datasheet HTML 8Page - International Rectifier AHF2805S Datasheet HTML 9Page - International Rectifier AHF2805S Datasheet HTML 10Page - International Rectifier AHF2805S Datasheet HTML 11Page - International Rectifier AHF2805S Datasheet HTML 12Page - International Rectifier AHF2805S Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.irf.com
9
AHF28XX Series
Table IV. Electrical Performance Characteristics - continued
AHF2805D
Notes to Specifications
1.
Parameter guaranteed by line load and cross regulation tests.
2.
Up to 90 percent of full power is available from either output provided the total output does not exceed 12W.
3.
Bandwidth guaranteed by design. Tested for 20 kHz to 2 MHz.
4. Load current split equally between +V
OUT and –VOUT.
5.
1.2 watt load on output under test, 1.2 watt to 10.8 watt load change on other output.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
7.
Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table IV.
8.
An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
9.
Load step transition time between 2 and 10 microseconds.
10. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1
percent of V
OUT at 50 percent load.
11. Input step transition time between 2 and 10 microseconds.
12. Turn-on delay time measurement is for either a step application of power at the input or the removal of
a ground signal from the inhibit pin (pin 1) while power is applied to the input.
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤+125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Overload, T
C = +25°C
8
6
Power dissipa-
tion load fault
P
D
Short circuit, T
C = +25°C
1,2,3
01
2
W
Switching
frequency
4
F
S
I
OUT = 2400mA
4,5,6
01
500
600
kHz
1200 mA to/from 2400mA
4,5,6
-400
+400
Output response
to step transient
load changes
4,9
VO
TLOAD
0 mA to/from 1200 mA
4,5,6
01
-800
+800
mV pk
1200 mA to/from 2400mA
4,5,6
01
70
Recovery time
step transient load
changes
4,9,10
TT
LOAD
0 mA to/from 1200 mA
4,5,6
100
µs
Output response
transient step line
changes
4,7,11
VO
TLINE
Input step from/to 16 to
40 V dc, I
OUT =2400mA
4,5,6
01
-400
+400
mV pk
Recovery time
transient step line
changes
4,7,10,11
TT
LINE
Input step from/to 16 to 40 V
dc, I
OUT =2400mA
4,5,6
01
1200
µs
Turn on
overshoot
4
VTon
OS
I
OUT =0 and 2400mA
4,5,6
01
600
mV pk
Turn on delay
4,12
Ton
D
I
OUT = 0 and 2400mA
4,5,6
01
25
ms
Load fault
recovery
7
Tr
LF
4,5,6
01
25
ms
Weight
38
grams


Similar Part No. - AHF2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF2805S IRF-AHF2805S Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
logo
List of Unclassifed Man...
AHF2805S/CH ETC1-AHF2805S/CH Datasheet
185Kb / 14P
   Hybrid - High Reliability DC/DC Converters
logo
International Rectifier
AHF2805S/CH IRF-AHF2805S/CH Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHF2805S/ES IRF-AHF2805S/ES Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHF2805S/HB IRF-AHF2805S/HB Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - AHF2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com