Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13007 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE13007
Description  POWER TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE13007 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE13007 Datasheet HTML 1Page - ON Semiconductor MJE13007 Datasheet HTML 2Page - ON Semiconductor MJE13007 Datasheet HTML 3Page - ON Semiconductor MJE13007 Datasheet HTML 4Page - ON Semiconductor MJE13007 Datasheet HTML 5Page - ON Semiconductor MJE13007 Datasheet HTML 6Page - ON Semiconductor MJE13007 Datasheet HTML 7Page - ON Semiconductor MJE13007 Datasheet HTML 8Page - ON Semiconductor MJE13007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJE13007
http://onsemi.com
3
0.01 0.02
0.05
0.1
0.2
0.5
1
2
5
10
IC, COLLECTOR CURRENT (AMPS)
Figure 1. Base–Emitter Saturation Voltage
0.01
IC, COLLECTOR CURRENT (AMPS)
Figure 2. Collector–Emitter Saturation Voltage
0.01 0.02
0.05 0.1
0.2
0.5
1
2 3
5
10
IB, BASE CURRENT (AMPS)
Figure 3. Collector Saturation Region
0.01
0.1
1
10
IC, COLLECTOR CURRENT (AMPS)
Figure 4. DC Current Gain
0.1
1
10
100
1000
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
1.4
1.2
1
0.8
0.6
0.4
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
3
2.5
2
1.5
1
0.5
0
100
10
1
10000
1000
100
10
0.02
0.05 0.1
0.2
0.5
1
2
5 10
IC/IB = 5
TC = -40°C
25°C
100°C
IC/IB = 5
TC = -40°C
25°C
100°C
TJ = 25°C
IC = 8 A
IC = 5 A
IC = 3 A
IC = 1 A
TJ = 100°C
25°C
40°C
VCE = 5 V
Cib
Cob
TJ = 25°C


Similar Part No. - MJE13007

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13007 MOSPEC-MJE13007 Datasheet
192Kb / 4P
   POWER TRANSISTORS(8A,300-400V,80W)
logo
KEC(Korea Electronics)
MJE13007 KEC-MJE13007 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
logo
Shenzhen SI Semiconduct...
MJE13007 SISEMIC-MJE13007 Datasheet
239Kb / 6P
   NPN MJE SERIES TRANSISTORS
logo
Motorola, Inc
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
logo
KEC(Korea Electronics)
MJE13007 KEC-MJE13007 Datasheet
343Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - MJE13007

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com