Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L05ABP Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC78L05ABP
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L05ABP Datasheet(HTML) 4 Page - ON Semiconductor

  MC78L05ABP Datasheet HTML 1Page - ON Semiconductor MC78L05ABP Datasheet HTML 2Page - ON Semiconductor MC78L05ABP Datasheet HTML 3Page - ON Semiconductor MC78L05ABP Datasheet HTML 4Page - ON Semiconductor MC78L05ABP Datasheet HTML 5Page - ON Semiconductor MC78L05ABP Datasheet HTML 6Page - ON Semiconductor MC78L05ABP Datasheet HTML 7Page - ON Semiconductor MC78L05ABP Datasheet HTML 8Page - ON Semiconductor MC78L05ABP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VI = 19 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ < +125°C (for MC78LXXAB),
0
°C < TJ < +125°C (for MC78LXXAC), unless otherwise noted.)
MC78L12AC, AB
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
11.5
12
12.5
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
14.5 Vdc
≤ VI ≤ 27 Vdc
16 Vdc
≤ VI ≤ 27 Vdc
Regline
120
100
250
200
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
20
10
100
50
mV
Output Voltage
(14.5 Vdc
≤ VI ≤ 27 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 19 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
11.4
11.4
12.6
12.6
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
4.2
6.5
6.0
mA
Input Bias Current Change
(16 Vdc
≤ VI ≤ 27 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
80
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 15 V
≤ VI ≤ 25 V, TJ = +25°C)
RR
37
42
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = 23 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ < +125°C (for MC78LXXAB),
S 0
°C < TJ < +125°C (for MC78LXXAC), unless otherwise noted.)
MC78L15AC, AB
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
14.4
15
15.6
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
17.5 Vdc
≤ VI ≤ 30 Vdc
20 Vdc
≤ VI ≤ 30 Vdc
Regline
130
110
300
250
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
25
12
150
75
mV
Output Voltage
(17.5 Vdc
≤ VI ≤ 30 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 23 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
14.25
14.25
15.75
15.75
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
4.4
6.5
6.0
mA
Input Bias Current Change
(20 Vdc
≤ VI ≤ 30 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
90
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 18.5 V
≤ VI ≤ 28.5 V, TJ = +25°C)
RR
34
39
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
1.7
Vdc


Similar Part No. - MC78L05ABP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L05ABP MOTOROLA-MC78L05ABP Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L05ABP ONSEMI-MC78L05ABP Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
MC78L05ABP FAIRCHILD-MC78L05ABP Datasheet
38Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
ON Semiconductor
MC78L05ABP ONSEMI-MC78L05ABP Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L05ABPG ONSEMI-MC78L05ABPG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
More results

Similar Description - MC78L05ABP

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com