Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD035OX1 Datasheet(PDF) 2 Page - AZ Displays

Part # PD035OX1
Description  This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX1 Datasheet(HTML) 2 Page - AZ Displays

  PD035OX1 Datasheet HTML 1Page - AZ Displays PD035OX1 Datasheet HTML 2Page - AZ Displays PD035OX1 Datasheet HTML 3Page - AZ Displays PD035OX1 Datasheet HTML 4Page - AZ Displays PD035OX1 Datasheet HTML 5Page - AZ Displays PD035OX1 Datasheet HTML 6Page - AZ Displays PD035OX1 Datasheet HTML 7Page - AZ Displays PD035OX1 Datasheet HTML 8Page - AZ Displays PD035OX1 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
! "# $ "
%
%
#
#
! "# $ "
&'()*
*
1
*
5
''6!2" !
5
"
2." !2"6 ' 2! !2" !
:
2." !2"6
"0! 9
*
&6
:
' /
'
! "6
;
!< 6
" 9
" & '
2
!
4
) 9!
2 !' !
" & ! ! 9 ." "2 ! !2
:
=
7 6
"<!
)" ! 9
=
>
6 2 !2"6 ." "2 ! !2
=
0
?
2
5
' !2"6 ." "2 ! !2
5
5
" &6! 9 " !
5=
) 6!"7!6! $
5>
:
#6 2@ !"9 "
"2@! 9
*
) 1! !
!
$
5
*
'' &!<


Similar Part No. - PD035OX1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
More results

Similar Description - PD035OX1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA035XUJ AZDISPLAYS-PA035XUJ Datasheet
1Mb / 27P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSL AZDISPLAYS-PA035XSL Datasheet
635Kb / 27P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA025XSC AZDISPLAYS-PA025XSC Datasheet
791Kb / 27P
   This technical specification applies to 2.5inch color TFT-LCD panel.
PA025XSB AZDISPLAYS-PA025XSB Datasheet
801Kb / 28P
   This technical specification applies to 2.5inch color TFT-LCD panel.
PD024OX4 AZDISPLAYS-PD024OX4 Datasheet
745Kb / 23P
   This technical specification applies to a 2.36inch color TFT-LCD panel.
PA080XS1 AZDISPLAYS-PA080XS1 Datasheet
402Kb / 25P
   This technical specification applies to 8 color TFT-LCD module, PA080XS1
PA050XS1 AZDISPLAYS-PA050XS1 Datasheet
695Kb / 26P
   This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
   This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
AU Optronics Corp.,
T460HW03-VF AUO-T460HW03-VF Datasheet
765Kb / 30P
   This specification applies to the 46 inch Color TFT-LCD Module T460HW03 VF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com