Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7438ETP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7438ETP
Description  Triple-Channel Video Reconstruction Filters with Back-Porch Clamp to GND
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7438ETP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7438ETP Datasheet HTML 2Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 3Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 4Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 5Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 6Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 7Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 8Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 9Page - Maxim Integrated Products MAX7438ETP Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Triple-Channel Video Reconstruction Filters with
Back-Porch Clamp to GND
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
10 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
D2
(ND-1) X e
e
D
C
PIN # 1
I.D.
(NE-1) X e
E/2
E
0.08 C
0.10 C
A
A1 A3
DETAIL A
0.15 C B
0.15 C A
DOCUMENT CONTROL NO.
21-0140
PACKAGE OUTLINE
16, 20, 28, 32L, QFN THIN, 5x5x0.8 mm
PROPRIETARY INFORMATION
APPROVAL
TITLE:
C
REV.
2
1
E2/2
E2
0.10 M C A B
PIN # 1 I.D.
b
0.35x45
L
D/2
D2/2
L
C
L
C
e
e
L
C
CL
k
k
L
L
2
2
21-0140
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
COMMON DIMENSIONS
EXPOSED PAD VARIATIONS
1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES.
3. N IS THE TOTAL NUMBER OF TERMINALS.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1
SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE
ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE.
5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm
FROM TERMINAL TIP.
6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY.
7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION.
8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
9. DRAWING CONFORMS TO JEDEC MO220.
NOTES:
10. WARPAGE SHALL NOT EXCEED 0.10 mm.
C
PACKAGE OUTLINE
16, 20, 28, 32L, QFN THIN, 5x5x0.8 mm


Similar Part No. - MAX7438ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7438EVKIT MAXIM-MAX7438EVKIT Datasheet
186Kb / 6P
   Selectable High-Frequency Boost Levels
Rev 0; 6/03
More results

Similar Description - MAX7438ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7450 MAXIM-MAX7450 Datasheet
254Kb / 9P
   Video-Signal Conditioners with AGC and Back-Porch Clamp
Rev 2; 11/04
logo
ON Semiconductor
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
   Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
logo
Maxim Integrated Produc...
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
ON Semiconductor
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com