Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4150IMS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4150IMS
Description  Coulomb Counter/ Battery Gas Gauge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150IMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4150IMS Datasheet HTML 4Page - Linear Technology LTC4150IMS Datasheet HTML 5Page - Linear Technology LTC4150IMS Datasheet HTML 6Page - Linear Technology LTC4150IMS Datasheet HTML 7Page - Linear Technology LTC4150IMS Datasheet HTML 8Page - Linear Technology LTC4150IMS Datasheet HTML 9Page - Linear Technology LTC4150IMS Datasheet HTML 10Page - Linear Technology LTC4150IMS Datasheet HTML 11Page - Linear Technology LTC4150IMS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC4150
11
4150fa
PACKAGE DESCRIPTIO
MSOP (MS) 0603
0.53 ± 0.152
(.021 ± .006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.17 – 0.27
(.007 – .011)
TYP
0.127 ± 0.076
(.005 ± .003)
0.86
(.034)
REF
0.50
(.0197)
BSC
12 3 45
4.90 ± 0.152
(.193 ± .006)
0.497 ± 0.076
(.0196 ± .003)
REF
8
9
10
7 6
3.00 ± 0.102
(.118 ± .004)
(NOTE 3)
3.00 ± 0.102
(.118 ± .004)
(NOTE 4)
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889 ± 0.127
(.035 ± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.305 ± 0.038
(.0120 ± .0015)
TYP
0.50
(.0197)
BSC
MS Package
10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC4150IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150IMS LINER-LTC4150IMS Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150IMSPBF LINER-LTC4150IMSPBF Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150IMSTRPBF LINER-LTC4150IMSTRPBF Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
More results

Similar Description - LTC4150IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
   High-Precision Coulomb Counter
051805
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
   High-Precision Coulomb Counter
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com