Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATP0574-1 Datasheet(PDF) 6 Page - AZ Displays

Part # ATP0574-1
Description  SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATP0574-1 Datasheet(HTML) 6 Page - AZ Displays

  ATP0574-1 Datasheet HTML 1Page - AZ Displays ATP0574-1 Datasheet HTML 2Page - AZ Displays ATP0574-1 Datasheet HTML 3Page - AZ Displays ATP0574-1 Datasheet HTML 4Page - AZ Displays ATP0574-1 Datasheet HTML 5Page - AZ Displays ATP0574-1 Datasheet HTML 6Page - AZ Displays ATP0574-1 Datasheet HTML 7Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ATP0574-1
Page 6 of 7
AZ DISPLAYS, INC.
6.0 CONNECTION AND MOUNTING
The details below indicate the recommended mounting structure for panel and enclosure. The enclosure
support to fix the touch panel must be over 1.0mm I width and must be outside the view (Transparent area).
Also ensure that the enclosure does not cause miss input by touching the view area.
The following diagram shows that the enclosure edge must be between the View area and the guaranteed
active area. Ensure space is allocated for the diodes, and we recommend that the material to fix the panel
and enclosure is elastic. Special design would be required to stop water ingress. The corners of the touch
panel are conductive so do not touch any metal parts after mounting.
Location
Detect
1.
Bottom
2.
Left
3.
Top
4.
Right
Top View (Picture, with conductive
side down)
(Drawing) with conductive connector and glass
side down. See page 1 for detail of connector exit
side which is left.
(Mating connector type SFW4R-1ST: for FPC)
0.8 mm min.
Connector
LCD
0.3 to 0.1 mm
Circuit Board
Transparent Area
Anit-input Area
Shock absorber to protect
the panel (eg rubber)
Upper Case
Input Area
Shock absorber
for protection
View Area
Input Panel
Wiring Area
Cut-out / avoidance of
550 surface mount diodes
5.1
Stiffener board 10.2
7.0 PANEL THICKNESS (typical)
Thickness of Glass 1.1mm
Stiffener Board
Conductive Face


Similar Part No. - ATP0574-1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATP050SM CTS-ATP050SM Datasheet
157Kb / 2P
   Standard Crystals
ATP050SM CTS-ATP050SM Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
More results

Similar Description - ATP0574-1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATP154-1 AZDISPLAYS-ATP154-1 Datasheet
1Mb / 7P
   SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Fujitsu Component Limit...
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
logo
Newhaven Display Intern...
TSTFT3.5Z NEWHAVEN-TSTFT3.5Z Datasheet
472Kb / 2P
   Touch Panel
logo
Fujitsu Component Limit...
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
logo
NICHIA CORPORATION
NLPB01S03A-E NICHIA-NLPB01S03A-E Datasheet
314Kb / 10P
   SPECIFICATIONS FOR BLUE STANDARD LED
NLSU04S01B-E NICHIA-NLSU04S01B-E Datasheet
364Kb / 13P
   SPECIFICATIONS FOR UV STANDARD LED
NLSR06S01-E NICHIA-NLSR06S01-E Datasheet
275Kb / 9P
   SPECIFICATIONS FOR RED STANDARD LED
NLPW01S03A-E NICHIA-NLPW01S03A-E Datasheet
317Kb / 10P
   SPECIFICATIONS FOR WHITE STANDARD LED
NLSB06S01-E NICHIA-NLSB06S01-E Datasheet
272Kb / 9P
   SPECIFICATIONS FOR BLUE STANDARD LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com