Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM3224C-NC-FTH Datasheet(PDF) 5 Page - AZ Displays

Part # ATM3224C-NC-FTH
Description  COMPLETE LCD SOLUTIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM3224C-NC-FTH Datasheet(HTML) 5 Page - AZ Displays

  ATM3224C-NC-FTH Datasheet HTML 1Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 2Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 3Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 4Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 5Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 6Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 7Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 8Page - AZ Displays ATM3224C-NC-FTH Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Input / Output signal timing chart
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remarks
NTSC
FHO (N)
-
15.73
-
KHz
Frequency
PAL
FHO (P)
-
15.63
-
KHz
Pulse width
THO
4.4
4.7
5.0
∝s
Phase difference
THP
02
-
∝s
Rising time
THR
-
-
0.05
∝s
Horizontal sync
output pulse
Falling time
THF
-
-
0.05
∝s
NTSC
fh/262.5
Frequency
PAL
fh/312.5
Pulse width
TVO
-4H
-
H
NTSC
TVPO (N)
-
4H
-
Phase
difference
PAL
TVPO (P)
-
4H
-
H
Odd field
NTSC
TVPE (N)
-
4.5H
-
Vertical sync output
pulse
Phase
difference
PAL
TVPE (P)
-
3.5H
-
H
Even field
ATM3224C-NC-FTH
5" TFT
Page 5 of 15


Similar Part No. - ATM3224C-NC-FTH

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM3224C AZDISPLAYS-ATM3224C Datasheet
60Kb / 4P
   COMPLETE LCD SOLUTIONS - TFT Driver Board
More results

Similar Description - ATM3224C-NC-FTH

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM3224Q AZDISPLAYS-AGM3224Q Datasheet
1Mb / 28P
   COMPLETE LCD SOLUTIONS
ATM4823A AZDISPLAYS-ATM4823A Datasheet
1Mb / 19P
   COMPLETE LCD SOLUTIONS
ATM3224C AZDISPLAYS-ATM3224C Datasheet
60Kb / 4P
   COMPLETE LCD SOLUTIONS - TFT Driver Board
logo
Micro Commercial Compon...
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
US1G-TP MCC-US1G-TP Datasheet
110Kb / 3P
   Complete Discete Semiconductor Solutions
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
logo
List of Unclassifed Man...
QBVW033 ETC2-QBVW033 Datasheet
3Mb / 18P
   GE Complete Family of DC-DC Solutions
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
[Old version datasheet]   Complete LCD Backlight and Bias Power
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com