Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD2955 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD2955
Description  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD2955 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD2955 Datasheet HTML 1Page - ON Semiconductor MJD2955 Datasheet HTML 2Page - ON Semiconductor MJD2955 Datasheet HTML 3Page - ON Semiconductor MJD2955 Datasheet HTML 4Page - ON Semiconductor MJD2955 Datasheet HTML 5Page - ON Semiconductor MJD2955 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD2955 MJD3055
4
Motorola Bipolar Power Transistor Device Data
Figure 6. “On” Voltages, MJD2955
2
0.1
0
0.2 0.3
0.5
1
3
10
0.8
1.6
1.2
0.4
5
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 3 V
Figure 7. Switching Time Test Ciruit
Figure 8. Thermal Response
t, TIME (ms)
1
0.01
0.02
0.7
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
R
θJC(t) = r(t) RθJC
R
θJC = 6.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.1
0.5
0.2
1 k
0.5
0.3
0.07
0.03
0.03
0.3
3
30
300
IC, COLLECTOR CURRENT (AMP)
2
+11 V
25
µs
0
–9 V
RB
–4 V
D1
SCOPE
VCC
+ 30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
D1 MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
0.01
Figure 9. Maximum Forward Bias
Safe Operating Area
0.01
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.02
5
2
1
10
0.5
0.1
TJ = 150°C
1ms
dc
3
0.3
0.6
1
2
60
20
40
WIRE BOND LIMIT
THERMAL LIMIT TC = 25°C (D = 0.1)
SECOND BREAKDOWN LIMIT
10
6
4
500
µs
0.03
0.05
100
µs
5ms
FORWARD BIAS SAFE OPERATING AREA
INFORMATION
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 9 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in Fig-
ure 8. At high case temperatures, thermal limitations will re-
duce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - MJD2955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
91Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
MJD2955 ONSEMI-MJD2955 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
MJD2955 ONSEMI-MJD2955 Datasheet
123Kb / 6P
   Complementary Power Transistors
January, 2011 ??Rev. 10
More results

Similar Description - MJD2955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com