Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD2955 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD2955
Description  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD2955 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD2955 Datasheet HTML 1Page - ON Semiconductor MJD2955 Datasheet HTML 2Page - ON Semiconductor MJD2955 Datasheet HTML 3Page - ON Semiconductor MJD2955 Datasheet HTML 4Page - ON Semiconductor MJD2955 Datasheet HTML 5Page - ON Semiconductor MJD2955 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD2955 MJD3055
3
Motorola Bipolar Power Transistor Device Data
5
3
2
1
0.5
0.3
0.7
0.2
500
300
200
100
30
20
50
IC, COLLECTOR CURRENT (AMP)
2
0.5
0.3
IC, COLLECTOR CURRENT (AMP)
0.2
Figure 1. Power Derating
Figure 2. DC Current Gain
0.01
0.02
0.05
1
10
25
0.1
Figure 3. Turn–On Time
Figure 4. “On” Voltages, MJD3055
TJ = 25°C
tr
TJ = 150°C
–55
°C
25
°C
1
0.7
0.2
IC, COLLECTOR CURRENT (AMP)
0.2
1
6
0.6
2
0.06
0.4
4
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1
10
25
0.5
3
Figure 5. Turn–Off Time
VCE = 2 V
10
5
0.5
25
25
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
2.5
0
2
1.5
1
0.5
TA TC
TC
TA
SURFACE
MOUNT
ts
1.4
0.8
0.6
0
1.2
1
0.4
0.2
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
VCC = 30 V
IC/IB = 10
0.05
0.03
0.02
0.1
0.07
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2 V
0.1
0.05
0.07
0.1
td @ VBE(off) ≈ 5 V
0.2
1
6
0.6
2
0.06
0.4
4
0.1
tf
TYPICAL CHARACTERISTICS


Similar Part No. - MJD2955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
91Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
MJD2955 ONSEMI-MJD2955 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
MJD2955 ONSEMI-MJD2955 Datasheet
123Kb / 6P
   Complementary Power Transistors
January, 2011 ??Rev. 10
More results

Similar Description - MJD2955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com