Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V208KR-12LL Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M5V208KR-12LL
Description  2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V208KR-12LL Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M5V208KR-12LL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V208KR-12LL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V208KR-12LL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V208KR-12LL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V208KR-12LL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V208KR-12LL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V208KR-12LL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MITSUBISHI LSIs
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5V208FP,VP,RV,KV,KR -70L , -85L, -10L , -12L,
-70LL, -85LL, -10LL, -12LL
'97.3.21
PACKAGE
M5M5V208FP
: 32 pin 525 mil SOP
M5M5V208VP,RV : 32pin 8 X 20 mm2
TSOP
M5M5V208KV,KR : 32pin 8 X 13.4 mm2 TSOP
• Single 2.7 ~ 3.6V power supply
• Operating temperature of 0 to +70°C
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion and power down by S1 & S2
• Data retention supply voltage=2.0V
• Three-state outputs: OR-tie capability
• OE prevents data contention in the I/O bus
• Common Data I/O
• Battery backup capability
• Small stand-by current · · · · · · · · · · 0.3µA(typ.)
APPLICATION
Small capacity memory units
Battery operating system
Handheld communiation tools
DESCRIPTION
The M5M5V208 is 2,097,152-bit CMOS static RAM organized as
262,144-words by 8-bit which is fabricated using high-performance
quadruple-polysilicon and double metal CMOS technology. The use
of thin film transistor(TFT) load cells and CMOS periphery results in a
high density and low power static RAM. The M5M5V208 is designed
for memory applications where high reliability, large storage, simple
interfacing and battery back-up are important design objectives.
The M5M5V208VP,RV,KV,KR are packaged in a 32-pin thin small
outline package which is a high reliability and high density surface
mount device(SMD).Two types of devices are available.
VP,KV(normal lead bend type package),RV,KR(reverse lead bend
type package). Using both types of devices, it becomes very easy to
design a printed circuit board.
FEATURE
PIN CONFIGURATION (TOP VIEW)
1
Outline 32P2M-A(FP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A17
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
DQ2
DQ3
(0V)
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC(3V)
A15
S2
W
A13
A8
A9
A11
OE
A10
S1
DQ8
DQ7
DQ6
DQ5
DQ4
GND
M5M5V208RV,KR
A4
A5
A6
A7
A14
A16
A17
Vcc
A15
S2
W
A13
A8
A9
A11
A2
A0
DQ1
DQ2
DQ3
DQ5
DQ6
DQ7
DQ8
S1
A10
OE
A12
A1
A3
DQ4
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
M5M5V208VP,KV
A11
A9
A8
A13
S2
A15
Vcc
A17
A16
A14
A12
A7
A6
A5
A4
W
OE
A10
S1
DQ8
DQ7
DQ6
DQ5
DQ4
GND
DQ3
DQ2
DQ1
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
60µA
(Vcc=3.6V)
10µ A
(Vcc=3.6V)
(max)
Stand-by
(max)
Active
(max)
Power supply current
Type
M5M5V208FP,VP,RV,KV,KR-70L
Access
time
70ns
27mA
(Vcc=3.6V)
M5M5V208FP,VP,RV,KV,KR-85L
M5M5V208FP,VP,RV,KV,KR-10L
M5M5V208FP,VP,RV,KV,KR-12L
85ns
100ns
120ns
M5M5V208FP,VP,RV,KV,KR-70LL
70ns
M5M5V208FP,VP,RV,KV,KR-85LL
M5M5V208FP,VP,RV,KV,KR-10LL
M5M5V208FP,VP,RV,KV,KR-12LL
85ns
100ns
120ns
Outline 32P3H-E(VP), 32P3K-B(KV)
Outline 32P3H-F(RV), 32P3K-C(KR)


Similar Part No. - M5M5V208KR-12LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208KR-12LL-W MITSUBISHI-M5M5V208KR-12LL-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V208KR-12LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
   2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com