Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3000-KS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SI3000-KS
Description  VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI3000-KS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI3000-KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3000-KS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Si 30 00
8
Rev. 1.1
Figure 2. Serial Interface Timing Diagram
Table 7. Switching Characteristics—Serial Interface
(VA, VD = 5 V ±5% or 3.3 V ±10%, TA = 70°C for K-grade, CL = 20 pF)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Cycle Time, SCLK
tc
354
1/256 Fs
ns
SCLK Duty Cycle
tdty
—50
%
Delay Time, SCLK
↑ to FSYNC ↓
td1
10
ns
Delay Time, SCLK
↑ to SDO Valid
td2
20
ns
Delay Time, SCLK
↑ to FSYNC ↑
td3
10
ns
Setup Time, SDI, before SCLK
tsu
25
ns
Hold Time, SDI, after SCLK
th
20
ns
Setup Time, FSYNC (mode 2) before
MCLK
tsu
25
ns
Hold Time, FSYNC (mode 2) after
MCLK
th
20
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH = VD – 0.4 V, VIL = 0.4 V
SCLK
VOH
VOL
FSYNC
D15
D14
D1
D0
... D2
16-bit
D15
D14
D1
D0
... D2
SDO
16-bit
SDI
td1
td2
tsu
th
FSYNC
(mode 0)
(mode 1)
td3
td3
tc
High-Z
High-Z
FSYNC
(mode 2)


Similar Part No. - SI3000-KS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3000-C-FS SILABS-SI3000-C-FS Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000-C-FS SKYWORKS-SI3000-C-FS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Silicon Laboratories
SI3000-C-GS SILABS-SI3000-C-GS Datasheet
816Kb / 34P
   84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Skyworks Solutions Inc.
SI3000-C-GS SKYWORKS-SI3000-C-GS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
More results

Similar Description - SI3000-KS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com