Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A54SX32-PQ208M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A54SX32-PQ208M
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX32-PQ208M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A54SX32-PQ208M Datasheet HTML 1Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 2Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 3Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX32-PQ208M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Ju ne 200 3
1
© 2003 Actel Corporation
v3.1
54SX Family FPGAs
L e ad in g Ed ge Pe rfo r man c e
• 320 MHz Internal Performance
• 3.7 ns Clock-to-Out (Pin-to-Pin)
• 0.1 ns Input Set-Up
• 0.25 ns Clock Skew
Sp e c i f ic at ion s
• 12,000 to 48,000 System Gates
• Up to 249 User-Programmable I/O Pins
• Up to 1080 Flip-Flops
• 0.35µ CMOS
Fe ature s
• 66 MHz PCI
• CPLD and FPGA Integration
• Single Chip Solution
• 100% Resource Utilization with 100% Pin Locking
• 3.3V Operation with 5.0V Input Tolerance
• Very Low Power Consumption
• Deterministic, User-Controllable Timing
• Unique In-System Diagnostic and Debug capability with
Silicon Explorer II
• Boundary Scan Testing in Compliance with IEEE Standard
1149.1 (JTAG)
• Secure Programming Technology Prevents Reverse
Engineering and Design Theft
SX Pro duct Pr of ile
A54SX08
A54SX16
A54SX16P
A54SX32
Capacity
Typical Gates
System Gates
8,000
12,000
16,000
24,000
16,000
24,000
32,000
48,000
Logic Modules
Combinatorial Cells
768
512
1,452
924
1,452
924
2,880
1800
Register Cells (Dedicated Flip-Flops)
256
528
528
1,080
Maximum User I/Os
130
175
175
249
Clocks
3333
JTAG
YesYes
YesYes
PCI
——
Yes
Clock-to-Out
3.7 ns
3.9 ns
4.4 ns
4.6 ns
Input Set-Up (External)
0.8 ns
0.5 ns
0.5 ns
0.1 ns
Speed Grades
Std, –1, –2, –3
Std, –1, –2, –3
Std, –1, –2, –3
Std, –1, –2, –3
Temperature Grades
C, I, M
C, I, M
C, I, M
C, I, M
Packages (by pin count)
PLCC
PQFP
VQFP
TQFP
PBGA
FBGA
84
208
100
144, 176
144
208
100
176
208
100
144, 176
208
144, 176
313, 329


Similar Part No. - A54SX32-PQ208M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-1CG256 ACTEL-A54SX32-1CG256 Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CG256B ACTEL-A54SX32-1CG256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CG256E ACTEL-A54SX32-1CG256E Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CG256M ACTEL-A54SX32-1CG256M Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CQ208B ACTEL-A54SX32-1CQ208B Datasheet
504Kb / 64P
   Leading Edge Performance
More results

Similar Description - A54SX32-PQ208M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com