Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A54SX08-PQ208M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A54SX08-PQ208M
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX08-PQ208M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A54SX08-PQ208M Datasheet HTML 1Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 2Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 3Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX08-PQ208M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
v3.1
3
54S X Fam ily F P G A s
Pr oduc t Plan
Speed Grade*
Application
Std
–1–2–3
C
I
M
A54SX08 Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
✔✔✔
✔✔
100-Pin Very Thin Plastic Quad Flat Pack (VQFP)
✔✔✔
✔✔
144-Pin Thin Quad Flat Pack (TQFP)
✔✔✔
✔✔
144-Pin Fine Pitch Ball Grid Array (FBGA)
✔✔✔
✔✔
176-Pin Thin Quad Flat Pack (TQFP)
✔✔✔
✔✔
208-Pin Plastic Quad Flat Pack (PQFP)
✔✔✔
✔✔
A54SX16 Device
100-Pin Very Thin Plastic Quad Flat Pack (VQFP)
✔✔✔
✔✔
P
176-Pin Thin Quad Flat Pack (TQFP)
✔✔✔
✔✔
P
208-Pin Plastic Quad Flat Pack (PQFP)
✔✔✔
✔✔
P
A54SX16P Device
100-Pin Very Thin Plastic Quad Flat Pack (VQFP)
✔✔✔
✔✔
144-Pin Thin Quad Flat Pack (TQFP)
✔✔✔
✔✔
176-Pin Thin Quad Flat Pack (TQFP)
✔✔✔
✔✔
208-Pin Plastic Quad Flat Pack (PQFP)
✔✔✔
✔✔
A54SX32 Device
144-Pin Thin Quad Flat Pack (TQFP)
✔✔✔
✔✔
P
176-Pin Thin Quad Flat Pack (TQFP)
✔✔✔
✔✔
P
208-Pin Plastic Quad Flat Pack (PQFP)
✔✔✔
✔✔
P
313-Pin Plastic Ball Grid Array (PBGA)
✔✔✔
✔✔
329-Pin Plastic Ball Grid Array (PBGA)
✔✔✔
✔✔
Contact your Actel sales representative for product availability.
Applications:C = CommercialAvailability:✔
= Available*Speed Grade:–1
= Approx. 15% faster than Standard
I
= Industrial
P
= Planned
–2
=
Approx. 25% faster than Standard
M
= Military
= Not Planned
–3
=
Approx. 35% faster than Standard
† Only Std, –1, –2 Speed Grade
• Only Std, –1 Speed Grade
Plastic Device Reso urce s
User I/Os (including clock buffers)
Device
PLCC
84-Pin
VQFP
100-Pin
PQFP
208-Pin
TQFP
144-Pin
TQFP
176-Pin
PBGA
313-Pin
PBGA
329-Pin
FBGA
144-Pin
A54SX08
69
81
130
113
128
111
A54SX16
81
175
147
A54SX16P
81
175
113
147
A54SX32
174
113
147
249
249
Package Definitions (Consult your local Actel sales representative for product availability.)
PLCC = Plastic Leaded Chip Carrier, PQFP = Plastic Quad Flat Pack, TQFP = Thin Quad Flat Pack, VQFP = Very Thin Quad Flat Pack,
PBGA = Plastic Ball Grid Array, FBGA = Fine Pitch (1.0 mm) Ball Grid Array


Similar Part No. - A54SX08-PQ208M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08-P-1BGG208I ACTEL-A54SX08-P-1BGG208I Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-P-1BGG208M ACTEL-A54SX08-P-1BGG208M Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-P-1BGG208PP ACTEL-A54SX08-P-1BGG208PP Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-P-1FGG208I ACTEL-A54SX08-P-1FGG208I Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-P-1FGG208M ACTEL-A54SX08-P-1FGG208M Datasheet
504Kb / 64P
   SX Family FPGAs
More results

Similar Description - A54SX08-PQ208M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com