Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM1N60 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM1N60
Description  N-Channel Power Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N60 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM1N60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TSM1N60
3-4
2003/12 rev. E
Typical Characteristics Curve (Ta = 25 oC unless otherwise noted)


Similar Part No. - TSM1N60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM1N60CPRO VBSEMI-TSM1N60CPRO Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM1N60L TSC-TSM1N60L Datasheet
173Kb / 4P
   N-Channel Power Enhancement Mode MOSFET
TSM1N60L TSC-TSM1N60L Datasheet
406Kb / 7P
   600V N-Channel Power MOSFET
TSM1N60LCH TSC-TSM1N60LCH Datasheet
173Kb / 4P
   N-Channel Power Enhancement Mode MOSFET
TSM1N60LCH TSC-TSM1N60LCH Datasheet
406Kb / 7P
   600V N-Channel Power MOSFET
More results

Similar Description - TSM1N60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com