Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD2444CX Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSD2444CX
Description  Low Vce(sat) NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD2444CX Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD2444CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD2444CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD2444CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSD2444
1-3
2003/12 rev. A
TSD2444
Low Vce(sat) NPN Transistor
BVCEO = 20V
Ic = 1A
VCE (SAT), = 0.2V(typ.) @Ic / Ib = 0.5A / 50mA
Features
Low VCE (SAT).
Excellent DC current gain characteristics
Structure
Epitaxial planar type.
Complementary to TSB1590CX
Ordering Information
Part No.
Packing
Package
TSD2444CX
Tape & Reel
SOT-23
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
40V
V
Collector-Emitter Voltage
VCEO
20V
V
Emitter-Base Voltage
VEBO
5
V
DC
1
Collector Current
Pulse
IC
1.5 (note 1)
A
Collector Power Dissipation
PD
0.225
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 10mS
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 10uA, IE = 0
BVCBO
40
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
20
--
--
V
Emitter-Base Breakdown Voltage
IE = 10uA, IC = 0
BVEBO
5
--
--
V
Collector Cutoff Current
VCB = 20V, IE = 0
ICBO
--
--
0.5
uA
Emitter Cutoff Current
VEB = 4V, IC = 0
IEBO
--
--
0.5
uA
Collector-Emitter Saturation Voltage
IC / IB = 500mA / 50mA
VCE(SAT)
--
0.2
0.4
V
DC Current Transfer Ratio
VCE = 2V, IC = 0.1A
hFE
82
--
390
Transition Frequency
VCE = 5V, IC = 50mA,
f = 100MHz
fT
--
150
--
MHz
Output Capacitance
VCB = 10V, f=1MHz
Cob
--
15
--
pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
Classification Of hFE
Rank
P
Q
R
Range
82 - 180
120 - 270
180 - 390
Pin assignment:
1. Base
2. Emitter
3. Collector


Similar Part No. - TSD2444CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD2444CXRF TSC-TSD2444CXRF Datasheet
340Kb / 4P
   Low Vcesat NPN Transistor
More results

Similar Description - TSD2444CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
   Low Vce(sat) NPN Transistor
TSD1760 TSC-TSD1760 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
BCX56-16-AU PANJIT-BCX56-16-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBSS4232DD PANJIT-PBSS4232DD Datasheet
556Kb / 6P
   NPN Low Vce(sat) Transistor
February 4,2020 PBSS4232DD-REV.00
PBHV8110DH-AU PANJIT-PBHV8110DH-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH PANJIT-PBHV8110DH Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
logo
Taiwan Semiconductor Co...
TSD882 TSC-TSD882 Datasheet
49Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
BCP56-16-AU PANJIT-BCP56-16-AU Datasheet
402Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
logo
Taiwan Semiconductor Co...
TSD882S TSC-TSD882S Datasheet
54Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
PBHV8110DW PANJIT-PBHV8110DW Datasheet
387Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com