Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD882CK Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSD882CK
Description  Low Vce(sat) NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD882CK Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD882CK Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD882CK Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD882CK Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSD882
1-1
2003/12 rev. B
TSD882
Low Vce(sat) NPN Transistor
BVCEO = 50V
Ic = 3A
VCE (SAT), = 0.25V(typ.) @Ic / Ib = 2A / 0.2A
Features
Low VCE (SAT).
Excellent DC current gain characteristics
Structure
Epitaxial planar type.
Complementary to TSB772
Ordering Information
Part No.
Packing
Package
TSD882CK
Bulk Pack
TO-126
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
50V
V
Collector-Emitter Voltage
VCEO
50V
V
Emitter-Base Voltage
VEBO
5
V
DC
3
Collector Current
Pulse
IC
7 (note 1)
A
Collector Power Dissipation
TO-126
PD
1.0
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 2mS
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 50uA, IE = 0
BVCBO
50
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
50
--
--
V
Emitter-Base Breakdown Voltage
IE = 50uA, IC = 0
BVEBO
6
--
--
V
Collector Cutoff Current
VCB = 40V, IE = 0
ICBO
--
--
1
uA
Emitter Cutoff Current
VEB = 4V, IC = 0
IEBO
--
--
1
uA
Collector-Emitter Saturation Voltage
IC / IB = 2.0A / 0.2A
VCE(SAT)
--
0.25
0.5
V
DC Current Transfer Ratio
VCE = 2V, IC = 1A
hFE
160
--
500
Transition Frequency
VCE = 5V, IC = 100mA,
f = 100MHz
fT
--
90
--
MHz
Output Capacitance
VCB = 10V, f=1MHz
Cob
45
--
pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
TO-126
Pin assignment:
TO-126
1. Emitter
2. Collector
3. Base


Similar Part No. - TSD882CK

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD882CK TSC-TSD882CK Datasheet
224Kb / 4P
   Low Vcesat NPN Transistor
TSD882CKB0 TSC-TSD882CKB0 Datasheet
100Kb / 4P
   Low Vcesat NPN Transistor
TSD882CKB0 TSC-TSD882CKB0 Datasheet
624Kb / 6P
   Low Vcesat NPN Transistor
TSD882CKB0G TSC-TSD882CKB0G Datasheet
100Kb / 4P
   Low Vcesat NPN Transistor
TSD882CKB0G TSC-TSD882CKB0G Datasheet
624Kb / 6P
   Low Vcesat NPN Transistor
More results

Similar Description - TSD882CK

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
   Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
TSD1760 TSC-TSD1760 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
BCX56-16-AU PANJIT-BCX56-16-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBSS4232DD PANJIT-PBSS4232DD Datasheet
556Kb / 6P
   NPN Low Vce(sat) Transistor
February 4,2020 PBSS4232DD-REV.00
PBHV8110DH-AU PANJIT-PBHV8110DH-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH PANJIT-PBHV8110DH Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
BCP56-16-AU PANJIT-BCP56-16-AU Datasheet
402Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
logo
Taiwan Semiconductor Co...
TSD882S TSC-TSD882S Datasheet
54Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
PBHV8110DW PANJIT-PBHV8110DW Datasheet
387Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com