Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSCD143K Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSCD143K
Description  NPN Digital Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSCD143K Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSCD143K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSCD143K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSCD143K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSCD143K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TSCD143K
4-4
2003/12 rev. C
SOT-363 Mechanical Drawing
SOT-363 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.80
1.10
0.031
0.043
A1
--
0.10
--
0.004
bp
0.10
0.30
0.004
0.012
C
0.10
0.25
0.004
0.010
D
1.80
2.20
0.071
0.087
E
1.15
1.35
0.045
0.053
e
1.30 (typ)
0.052 (typ)
e1
0.65 (typ)
0.026(typ)
He
2.00
2.20
0.079
0.087
Lp
0.10
0.3
0.004
0.012
Q
0.20 (typ)
0.008 (typ)
W
0.20 (typ)
0.008 (typ)
Θ
10
o (typ)
10
o (typ)


Similar Part No. - TSCD143K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSCD144C TSC-TSCD144C Datasheet
135Kb / 4P
   Dual NPN Digital Transistor
TSCD144CCU6 TSC-TSCD144CCU6 Datasheet
135Kb / 4P
   Dual NPN Digital Transistor
logo
TAITRON Components Inco...
TSCD14WS TAITRON-TSCD14WS Datasheet
270Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
More results

Similar Description - TSCD143K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
   digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
   digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
   DIGITAL TRANSISTOR (NPNNPN)
logo
Unisonic Technologies
DTC114E UTC-DTC114E_15 Datasheet
199Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC123Y UTC-DTC123Y_15 Datasheet
160Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Weitron Technology
DTC114ECA WEITRON-DTC114ECA Datasheet
778Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC114ESA WEITRON-DTC114ESA Datasheet
470Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com