Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS34119 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS34119
Description  Low Power Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34119 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS34119
6-11
2004/09 rev. A
Design Guideline
POWER DISSIPATION
Figure 8 to 10 indicate the device dissipation (within the IC) for various combinations of VCC, RL, and load power.
The maximum power which can safely be dissipated within the TS34119 is found from the following equation:
PD= (140
oC - Ta) / Өja
Where Ta is the ambient temperature; and Өja is the package thermal resistance (100
oC / W for the standard DIP
package, and 180
oC / W for the surface mount package.) The power dissipated within the TS34119, in a given
application, it is found from the following equation: PD= (VCC × ICC) + (IRMS × VCC) - (RL × IRMS
2)
Where ICC is obtained from Figure 15; and IRMS is the RMS current at the load; and RL is load resistance. Figure 8 to
10, along with Figure 11 to 13 (distortion curves), and a peak working load current of ±200mA, define the operating
range for the TS34119. The operating range is further defined in terms of allowable load power in Figure 14 for loads
of 8Ω, 16Ω and 32Ω. The left (ascending) portion of each of the three curves is defined by the power level at which
10% distortion occurs. The center flat portion of each curve is defined by the maximum output current capability of
the TS34119. The right (descending) portion of each curve is defined by the maximum internal power dissipation of
the IC at 25
oC. At higher ambient temperatures, the maximum load power must be reduced according to the above
equations. Operating the device beyond the current and junction temperature limits will degrade long-term reliability.
Circuit Description


Similar Part No. - TS34119

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
TS34119 TSC-TS34119 Datasheet
413Kb / 12P
   Low Power Audio Amplifier
TS34119CD TSC-TS34119CD Datasheet
744Kb / 13P
   Low Power Audio Amplifier
TS34119CS TSC-TS34119CS Datasheet
744Kb / 13P
   Low Power Audio Amplifier
TS34119CSRL TSC-TS34119CSRL Datasheet
413Kb / 12P
   Low Power Audio Amplifier
More results

Similar Description - TS34119

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com