Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ16022 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ16022
Description  NPN SILICON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ16022 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ16022 Datasheet HTML 1Page - ON Semiconductor MJ16022 Datasheet HTML 2Page - ON Semiconductor MJ16022 Datasheet HTML 3Page - ON Semiconductor MJ16022 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Advance Information
SWITCHMODE Series
NPN Silicon Power Transistors
These transistors are designed for high–voltage, high–speed, power switching in
inductive circuits where fall time is critical. They are particularly suited for
line–operated switchmode applications. The MJ16022 is a selected high–gain version
of the MJ16020 for applications where drive current is limited.
Features:
• Fast Switching Times:
30 ns (Typ) Inductive Fall Time
50 ns (Typ) Inductive Crossover Time
800 ns (Typ) Inductive Storage Time
• 100_C Performance Specified for:
Reverse–Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Typical Applications:
• Switching Regulators
• Inverters
• Solenoids and Relay Drivers
• Motor Controls
• Deflection Circuits
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Max
Unit
Collector–Emitter Sustaining Voltage
VCEO
450
Vdc
Collector–Emitter Breakdown Voltage
VCEV
850
Vdc
Emitter–Base Voltage
VEB
6
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
30
40
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
20
30
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
250
1.42
Watts
W/
_C
Operating and Storage Temperature
TJ, Tstg
– 65 to 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance — Junction to Case
R
θJC
0.7
_C/W
Maximum Lead Temperature for Soldering Purposes:
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle < 10%.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ16020/D
© Motorola, Inc. 1995
NPN SILICON POWER
TRANSISTOR
30 AMPERES
450 VOLTS
MJ16020
MJ16022
CASE 197A–05
TO–204AE
REV 7


Similar Part No. - MJ16022

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16022 MOTOROLA-MJ16022 Datasheet
168Kb / 4P
   NPN SILICON POWER TRANSISTOR 30 AMPERES 450 VOLTS
More results

Similar Description - MJ16022

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com