Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TS29100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. TS29100
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

   
 1 page
background image
TS29100/1/2
1-1
2003/12 rev. A
TS29100/1/2
1.0A Ultra Low Dropout Positive Voltage Regulator
Low Dropout Voltage 0.4V typ.
Enable Input Control
Adjustable Output
Error Flag Detection
General Description
The TS29100/1/2 series are using process with a PNP pass element for high current, high accuracy and low dropout
voltage regulators. These regulator s feature 400mV(typ) dropout voltages and very low ground current, these devices
also find applications in lower current and low dropout critical systems, where their tiny dropout voltage and ground
current values are important attributes.
The TS29100/1/2 series are fully protected against over current faults, reversed input polarity, reversed lead insertion,
over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which
signals whenever the output falls out of regulation.
On the TS29101 and TS29102, the enable pin may be tied to Vin if it is not required for enable control. This series are
offered in 3-pin SOT-223 and 8-pin SOP pacakge.
Features
Dropout voltage typically 0.4V @Io=1.0A
Output current up to 1.0A
Low ground current
Output voltage trimmed before assembly
Extremely fast transient response
+60V Transient peak voltage
-20V Reverse peak voltage
Zero current shutdown mode
Error flag signals output out of regulation
Internal current limit
Thermal shutdown protection
Ordering Information
Note: Where xx denotes voltage option, available are
12V, 5.0V, 3.3V and 2.5V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Part No.
Operating Temp.
(Junction)
Package
TS29100CWxx
SOT-223
TS29101CSxx
TS29102CSxx
TS29102CS
-40 ~ +125
oC
SOP-8
Applications
Battery power equipment
Automotive electronics
High efficiency “Green” computer system
High efficiency linear power supplies
High efficiency post regulator for switching supply
Absolute Maximum Rating (Note 1)
Input Supply Voltage (Note 2)
Vin
-20V ~ +60
V
Operation Input Voltage
Vin (operate)
26
V
Power Dissipation (Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS391001.0A Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS2931100mA Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TS2937500mA Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS29401A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS2950150mA Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS391501.5A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TS391511.5A Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS291501.5A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 List of Unclassifed Manufacturers
NTE1952Integrated Circuit Positive 3 Terminal Voltage Regulator Low Dropout Voltage 8V 1A 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl