Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9011DCY Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011DCY
Description  250mA CMOS Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011DCY Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9011DCY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011DCY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011DCY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011DCY Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TS9011 series
3-4
2003/12 rev. D
SOT-89 Mechanical Drawing
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017
SOT-23 Mechanical Drawing
D
C
A
E
B
G
F
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.88
2.91
0.113
0.115
B
0.39
0.42
0.015
0.017
C
1.78
2.03
0.070
0.080
D
0.51
0.61
0.020
0.024
E
1.59
1.66
0.063
0.065
F
1.04
1.08
0.041
0.043
G
0.07
0.09
0.003
0.004
H
F
E
B
A
G
C
D
J
I


Similar Part No. - TS9011DCY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011DCYRMG TSC-TS9011DCYRMG Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results

Similar Description - TS9011DCY

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com