Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ16018 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJ16018
Description  NPN Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ16018 Datasheet(HTML) 5 Page - ON Semiconductor

  MJ16018 Datasheet HTML 1Page - ON Semiconductor MJ16018 Datasheet HTML 2Page - ON Semiconductor MJ16018 Datasheet HTML 3Page - ON Semiconductor MJ16018 Datasheet HTML 4Page - ON Semiconductor MJ16018 Datasheet HTML 5Page - ON Semiconductor MJ16018 Datasheet HTML 6Page - ON Semiconductor MJ16018 Datasheet HTML 7Page - ON Semiconductor MJ16018 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJ16018 MJW16018
5
Motorola Bipolar Power Transistor Device Data
100
0
TC, CASE TEMPERATURE (°C)
0
40
200
80
60
40
20
MJ16018
MJW16018
80
120
160
Figure 15. Power Derating
SECOND BREAKDOWN
DERATING
THERMAL
DERATING
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 13 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25_C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 13 may be found at any case tem-
perature by using the appropriate curve on Figure 15.
TJ(pk) may be calculated from the data in Figure 16. At
high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base–to–emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage current condition allowable dur-
ing reverse biased turnoff. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 14 gives the RBSOA character-
istics.
t, TIME (ms)
1.0
0.01
0.01
0.7
0.2
0.1
0.05
0.02
1.0
2.0
5.0
10
20
50
100
200
500
R
θJC(t) = r(t) RθJC
R
θJC = 1.0°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME @ t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.01
SINGLE PULSE
0.1
0.1
0.5
0.2
1.0 k
Figure 16. Thermal Response
0.5
0.3
0.07
0.03
0.02
0.05
0.02
0.05


Similar Part No. - MJ16018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
478Kb / 7P
   NPN SILICON POWER TRANSISTORS 1.5KV SWITCHMODE III SERIES
logo
Savantic, Inc.
MJ16018 SAVANTIC-MJ16018 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJ16018 ISC-MJ16018 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJ16018 SAVANTIC-MJ16018 Datasheet
122Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJ16018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com