Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9004CX6 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9004CX6
Description  300mA CMOS LDO Adjustable Voltage with Enable & Power Good
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9004CX6 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9004CX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9004CX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9004CX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9004CX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9004CX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9004
2-2
2003/12 rev. B
Absolute Maximum Rating
Input Supply Voltage
Vin
+7
V
Enable Input Voltage
Vce
Gnd-0.3 ~ Vin+0.3
V
Output Current
Io
Pd / (Vin – Vout)
Power Dissipation
PD
Internal Limited (note)
Thermal Resistance
Өja
260
oC/W
Operating Ambient Temperature Range
Ta
-40 ~ +85
oC
Operating Junction Temperature Range
Tj
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
ESD Classification
HBM
2k
V
Caution
: Stress above the listed absolute rating may cause permanent damage to the device
.
Note
: Pd(max) = [Tj(max) – Ta] / Өja, where Өja depends on the printed circuit layout
Electrical Characteristics (Ta = 25
oC, Vin= Vin(min), Vce≥2V, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
Note 1
--
7
V
Bandgap Reference
Voo= VBG, Io= 10mA
0.99|Vo|
1.176
1.01|Vo|
V
Vout Temperature Coefficient
--
25
--
ppm/
oC
Maximum Output Current
Vin=Vo+1V,
300
--
--
mA
Output Current Limit
Vout=0V
--
800
--
mA
Short Circuit Current (note 3)
Vout< 0.8V
--
150
--
mA
Vout
2.0V
--
--
0.3
Line Regulation
Vo+1V
≤Vin≤ Vo+2V,
Io= 1mA
Vout<2.0V
--
--
0.1
%
Load Regulation
1mA
≤IL≤300mA
--
0.2
1.0
%
Vout
2.0V
--
300
400
Dropout Voltage
Io=300mA,
Vout=Vo - 2%
Vout<2.0V
--
800
1300
mV
Quiescent Current
Vin
≤0.4V (shutdown)
--
2
--
uA
Quiescent Current
Vout
0.4V, Io=0mA
--
30
35
uA
Ground Pin Current
Io= 1mA ~ 300mA
--
30
35
uA
At f=1kHz,
--
60
--
Power Supply Rejection Ratio
Io=100mA,
At f=10kHz,
--
50
--
dB
Over Temperature Shutdown
--
150
--
oC
Output Noise
Io=10mA, f=10Hz~100kHz, Co=2.2uF
--
30
--
uVrms
Enable Input
Enable Input Logic-High Voltage
Vin= 2.7V to 7V
--
Vin/2+0.8V
Vin
V
Enable Input Logic-Low Voltage
Vin= 2.7V to 7V
0
Vin/2-0.8V
--
V
Ven
≤ 0.4V
--
--
3
Enable Input Current
Ven= Vin
--
--
0.1
uA


Similar Part No. - TS9004CX6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9004C TSC-TS9004C Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
More results

Similar Description - TS9004CX6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com