Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2940CZ1.8 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2940CZ1.8
Description  1A Ultra Low Dropout Fixed Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2940CZ1.8 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2940CZ1.8 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2940CZ1.8 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2940CZ1.8 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2940CZ1.8 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2940CZ1.8 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2940CZ1.8 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS2940
4-6
2003/12 rev. B
Application Information (continued)
The next parameter which must be calculated is the
maximum allowable temperature rise, TR(max). this is
calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction
temperature, which is 125
oC for commercial
grade parts.
TA(max) is the maximum ambient temperature
which will be encountered in the application.
Using the calculated values for TR(max) and PD, the
maximum allowable value for the junction to ambient
thermal resistance, θja, can now be found:
θja = TR(max) / PD
IMPORTANT: if the maximum allowable value for is
found to be ≥60
oC/W for the TO-220 package, ≥80 oC/W
for the TO-263 package, ≥150
oC/W for the TO-252
package, or ≥170
oC/W for the SOT-223 package, no
heatsink is needed since the package alone will dissipate
enough heat to satisfy these requirements. If the
calculated value for θja falls below these limits, a
heatsink is required.


Similar Part No. - TS2940CZ1.8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940CZ TSC-TS2940CZ Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS2940CZC0 TSC-TS2940CZC0 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS2940CZ1.8

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
   1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com