Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4264 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4264
Description  150mA Ultra Low Drop Out Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4264 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS4264
1-1
2004/01 rev. A
TS4264
150mA Ultra Low Drop Out Voltage Regulator
High Input Voltage up to 45V
Low Dropout Voltage 0.5V max.
General Description
TS4264 is a 5V low-drop fixed-voltage regulator in an SOT-223 package. The IC regulates an input voltage in the range
of 5.5V < Vin < 45V to Vout(rated) = 5.0V. The maximum output current is more than 150mA. This IC is designed with
short circuit-proof and features temperature protection that disables the circuit at over-temperature.
Ordering Information
Part No.
Operating Temp.
Package
TS4264CW50
-40 ~ 150
oC
SOT-223
Features
Fixed output voltage 5V
Output voltage tolerance +/-2 %
150mA current capability
Ultra low drop out voltage
Very low current consumption
Over temperature protection
Short-circuit proof
Reverse polarity proof
Wide temperature range
Suitable for use in automotive electronics
Pin Definition and Function
Pin
Symbol
Function
1
Input
Block to ground directly on IC with
ceramic capacitor
2
Ground Ground
3
Output
Block to ground with 10uF capacitor,
ESR < 10Ω  
Block Diagram
Pin assignment:
1.
Input
2.
Ground
3.
Output


Similar Part No. - TS4264

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264CW50RP TSC-TS4264CW50RP Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264CW50RP TSC-TS4264CW50RP Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
More results

Similar Description - TS4264

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4266G TSC-TS4266G Datasheet
117Kb / 4P
   150mA Ultra Low Drop Out Voltage Regulator with Inhibit
logo
First Components Intern...
LP2950 FCI-LP2950_1 Datasheet
384Kb / 8P
   150mA Low Drop Out Voltage Regulators
logo
ams AG
AS1367 AMSCO-AS1367 Datasheet
1Mb / 14P
   150mA, Adaptive Low Drop-Out Linear Regulator
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com