Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH2012F100BS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RH2012F100BS
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH2012F100BS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RH2012F100BS Datasheet HTML 4Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 5Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 6Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 7Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 8Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 9Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 10Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 11Page - List of Unclassifed Manufacturers RH2012F100BS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
14
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
WINDOW DIMENSIONS
A
B
t
0.7±0.10
1.20±0.10
0.5(MAX)
2.80
5.32±0.20
1.10(MAX)
3.50±0.10
6.75±0.10
1.10(MAX)
RC 1005
(1/16W)
RC 5025
(1/2W)
RC 6432
(1W)
SIGN.
ITEM
(mm)
PACKAGING
The Chip Resistor can be supplied with packaged carrier tape for effective use in SMD machine.
All Reel taping specifications are in accordance with EIAJ RC-1009.
Standard Quantity :
Chip Resistor for Bulk shall be in the plastic Quantity of the
Chip Resistors in bag is determined by custom orders.(Standard Quantity : 5,000EA)
7 inch reel
10 inch reel
-
10,000EA/1 reel
-
13 inch reel
10,000EA/1 reel
40,000EA/1 reel
5,000EA/1 reel
20,000EA/1 reel
4,000EA/1 reel
15,000EA/1 reel
REEL SIZE
1608, 2012, 3216
5025, 6432
1005
CARRIER TAPE DIMENSIONS
This is applied to 1005 series.
This is applied to 5025, 6432 series.
(Unit: mm)
Chip Resistor
Bottom Tape
Carrier Tape
Top Tape
4.0
±0.1
4.0
±0.1
1.75
±0.1
1.75
±0.1
3.5
±0.05
5.5
±0.05
8.0
±0.1
12.0
±0.3
1.5
±
0.1
0
1.5
±
0.1
0
2.0
±0.05
1.0
1.0
t
t
A
2.0
±0.05
4.0
±0.1
A
t=0.5~1.0 Max
Chip Resistor
Embossed Carrier
Top Tape
t=1.1 Max
B


Similar Part No. - RH2012F100BS

ManufacturerPart #DatasheetDescription
logo
LEM
RH200-P LEM-RH200-P Datasheet
42Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-P
RH200-S LEM-RH200-S Datasheet
73Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-S
logo
Hammond Manufacturing L...
RH20000GY HAMMOND-RH20000GY Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000LG HAMMOND-RH20000LG Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000SS HAMMOND-RH20000SS Datasheet
237Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RH2012F100BS

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com