Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2937CW12 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2937CW12
Description  500mA Ultra Low Dropout Fixed Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CW12 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2937CW12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CW12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CW12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CW12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CW12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CW12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS2937
4-4
2003/12 rev. B
Application Information (continued)
TR(max) is calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction
temperature, which is 125
oC for commercial
grade parts.TA(max) is the maximum ambient
temperature which will be encountered in the
application.
Using the calculated values for TR(max) and PD, the
maximum allowable value for the junction to ambient
thermal resistance,
θja, can now be found:
θja = TR(max) / PD
IMPORTANT:
if the maximum allowable value for is
found to be ≥60
oC/W for the TO-220 package, ≥80
oC/W for the TO-263 package, ≥150 oC/W for the
TO-252 package, or ≥170
oC/W for the SOT-223
package, no heatsink is needed since the package
alone will dissipate enough heat to satisfy these
requirements. If the calculated value for
θja falls below
these limits, a heatsink is required.


Similar Part No. - TS2937CW12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CW12RP TSC-TS2937CW12RP Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS2937CW12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com