Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F640J3C-120 Datasheet(PDF) 19 Page - Intel Corporation

Part # TE28F640J3C-120
Description  Intel StrataFlash Memory (J3)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F640J3C-120 Datasheet(HTML) 19 Page - Intel Corporation

Back Button TE28F640J3C-120 Datasheet HTML 15Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 16Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 17Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 18Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 19Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 20Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 21Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 22Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
19
6.0
Electrical Specifications
6.1
DC Current Characteristics
Table 6.
DC Current Characteristics (Sheet 1 of 2)
VCCQ
2.7 - 3.6V
Test Conditions
Notes
VCC
2.7 - 3.6V
Symbol
Parameter
Typ
Max
Unit
ILI
Input and VPEN Load Current
±1
µA
VCC = VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or GND
1
ILO
Output Leakage Current
±10
µA
VCC= VCC Max; VCCQ = VCCQ Max
VIN = VCCQ or GND
1
ICCS
VCC Standby Current
50
120
µA
CMOS Inputs, VCC = VCC Max,
Device is disabled (see Table 13, “Chip Enable
Truth Table” on page 33),
RP# = VCCQ ± 0.2 V
1,2,3
0.71
2
mA
TTL Inputs, VCC = VCC Max,
Device is disabled (see Table 13), RP# = VIH
ICCD
VCC Power-Down Current
50
120
µA
RP# = GND ± 0.2 V, IOUT (STS) = 0 mA
ICCR
VCC Page Mode Read
Current
4-
word
Page
15
20
mA
CMOS Inputs, VCC = VCC Max, VCCQ = VCCQ
Max using standard 4 word page mode reads.
Device is enabled (see Table 13)
f = 5 MHz, IOUT = 0 mA
1,3
24
29
mA
CMOS Inputs,VCC = VCC Max, VCCQ = VCCQ
Max using standard 4 word page mode reads.
Device is enabled (see Table 13)
f = 33 MHz, IOUT = 0 mA
8-
word
Page
10
15
mA
CMOS Inputs, VCC = VCC Max, VCCQ =
VCCQ Max using standard 8 word page
mode reads.
Device is enabled (see Table 13)
f = 5 MHz, IOUT = 0 mA
30
54
mA
CMOS Inputs,VCC = VCC Max, VCCQ =
VCCQ Max using standard 8 word page
mode reads.
Device is enabled (see Table 13)
f = 33 MHz, IOUT = 0 mA
Density: 128-, 64-, and 32- Mbit
26
46
mA
CMOS Inputs,VCC = VCC Max, VCCQ =
VCCQ Max using standard 8 word page
mode reads.
Device is enabled (see Table 13)
f = 33 MHz, IOUT = 0 mA
Density: 256Mbit
ICCW
VCC Program or Set Lock-
Bit Current
35
60
mA
CMOS Inputs, VPEN = VCC
1,4
40
70
mA
TTL Inputs, VPEN = VCC


Similar Part No. - TE28F640J3C-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F640J3C-120 INTEL-TE28F640J3C-120 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
More results

Similar Description - TE28F640J3C-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
White Electronic Design...
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com