Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR117 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # XTR117
Description  4-20mA Current-Loop Transmitter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTR117 Datasheet(HTML) 2 Page - Texas Instruments

  XTR117 Datasheet HTML 1Page - Texas Instruments XTR117 Datasheet HTML 2Page - Texas Instruments XTR117 Datasheet HTML 3Page - Texas Instruments XTR117 Datasheet HTML 4Page - Texas Instruments XTR117 Datasheet HTML 5Page - Texas Instruments XTR117 Datasheet HTML 6Page - Texas Instruments XTR117 Datasheet HTML 7Page - Texas Instruments XTR117 Datasheet HTML 8Page - Texas Instruments XTR117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XTR117
SBOS344 − SEPTEMBER 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+ (referenced to IO pin)
+50V
. . . . . . . . . . . . . . . .
Input Voltage, (referenced to IRET pin)
0V to V+
. . . . . . . . . . . . . . .
Output Current Limit
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
VREG, Short-Circuit
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+165
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model)
2000V
. . . . . . . . . . . . . . . . . . . . . . .
(Charged Device Model)
1000V
. . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
PACKAGE
MARKING
ORDERING NUMBER
TRANSPORT MEDIA,
QUANTITY
XTR117
MSOP-8
DGK
BOZ
XTR117AIDGKT
Tape and Reel, 250
XTR117
MSOP-8
DGK
BOZ
XTR117AIDGKR
Tape and Reel, 2500
XTR117(2)
DFN-8
DRB
BOY
XTR117AIDRBT
Tape and Reel, 250
XTR117(2)
DFN-8
DRB
BOY
XTR117AIDRBR
Tape and Reel, 3000
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2) Available Q1 2006.
PIN ASSIGNMENTS
Top View
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
Exposed
Thermal
Die Pad
on
Underside(2)
DFN−8(3)
MSOP−8
NC(1)
I
IN
I
RET
I
O
NC(1)
I
IN
I
RET
I
O
V
REG
V+
B(Base)
E (Emitter)
V
REG
V+
B(Base)
E(Emitter)
NOTES: (1) NC = No connection. Leave unconnected on PCB.
(2) Connect thermal die pad to V
−.
(3) Available Q1 2006.
XTR117
XTR117


Similar Part No. - XTR117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR117AIDGKR TI1-XTR117AIDGKR Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117AIDGKRG4 TI1-XTR117AIDGKRG4 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117AIDGKT TI1-XTR117AIDGKT Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117AIDGKTG4 TI1-XTR117AIDGKTG4 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117AIDRBR TI1-XTR117AIDRBR Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results

Similar Description - XTR117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
logo
Burr-Brown (TI)
XTR501 BURR-BROWN-XTR501 Datasheet
57Kb / 7P
   HIGH CURRENT BRIDGE DRIVER and 4-20mA Transmitter
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com