Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH2012J100ES Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RH2012J100ES
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH2012J100ES Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RH2012J100ES Datasheet HTML 1Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 2Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 3Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 4Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 5Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 6Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 7Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 8Page - List of Unclassifed Manufacturers RH2012J100ES Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8
GENERAL SPECIFICATION
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
Code
Designation
PACKAGING
The Chip Network Resistors can be supplied with packaged carrier tape for effective use in SMD machine.
All Reel taping specifications are in accordance with EIAJ RC-1009.
Standard Quantity :
Chip Resistor for Bulk shall be in the polyethylene bag and Quantity of the
Chip Resistors in bag is determined by customer orders.(Standard Quantity : 5,000EA)
RATING
Type
Power
Rating
Working
Voltage
(MAX)
Over Ioad
Voltage
(MAX)
Resistance
Range
Operting
Temperature
Range
Rating
Ambient
Temperature
Temperature
Coefficient
RT1608
1/16 W
50 V
100 V
1~10
RT2012
1/10W
100 V
200 V
1~10
RT3216
1/8W
200 V
400 V
1~10
1/4W
200 V
400 V
1~10
-55
~ +125
+70
±200ppm/ 。
±300ppm/ 。
7 inch reel
5,000/1 reel
13 inch reel
20,000/1 reel
RT:DIP Type(Major)
RT
Code
Designation
Trimmable
Chip
Resistor
Code
Designation
2012
Dimension
(mm)
1608:1.6
×0.8
2012:2.0
×1.25
3216:3.2
×1.6
Code
Designation
M
Resistance
Tolerance
K=
±10%
Code
Designation
100
Resistance
Value
E12 Series
E6 Series
(IEC Coding system)
Code
Designation
CS
Packaging
Code
CS : Tape
Packaging
GS : Bulk
Packaging


Similar Part No. - RH2012J100ES

ManufacturerPart #DatasheetDescription
logo
LEM
RH200-P LEM-RH200-P Datasheet
42Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-P
RH200-S LEM-RH200-S Datasheet
73Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-S
logo
Hammond Manufacturing L...
RH20000GY HAMMOND-RH20000GY Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000LG HAMMOND-RH20000LG Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000SS HAMMOND-RH20000SS Datasheet
237Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RH2012J100ES

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com