Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIL31Y5R6MBE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CIL31Y5R6MBE
Description  It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CIL31Y5R6MBE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CIL31Y5R6MBE Datasheet HTML 1Page - List of Unclassifed Manufacturers CIL31Y5R6MBE Datasheet HTML 2Page - List of Unclassifed Manufacturers CIL31Y5R6MBE Datasheet HTML 3Page - List of Unclassifed Manufacturers CIL31Y5R6MBE Datasheet HTML 4Page - List of Unclassifed Manufacturers CIL31Y5R6MBE Datasheet HTML 5Page - List of Unclassifed Manufacturers CIL31Y5R6MBE Datasheet HTML 6Page - List of Unclassifed Manufacturers CIL31Y5R6MBE Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHIP INDUCTOR
CIL 31N 47N
CIL 31N 68N
CIL 31N R10
CIL 31N R12
CIL 31N R15
CIL 31N R18
CIL 31N R22
CIL 31N R27
CIL 31N R33
CIL 31N R39
CIL 31N R47
CIL 31N R56
CIL 31N R68
CIL 31N R82
CIL 31J 1R0
CIL 31J 1R2
CIL 31J 1R5
CIL 31J 1R8
CIL 31J 2R2
CIL 31J 2R7
CIL 31J 3R3
CIL 31J 3R9
CIL 31J 4R7
CIL 31Y 5R6
CIL 31Y 6R8
CIL 31Y 8R2
CIL 31Y 100
CIL 31Y 120
CIL 31S 150
CIL 31S 180
CIL 31S 220
CIL 31S 270
CIL 31S 330
0.6
±0.2
0.6
±0.2
0.6
±0.2
0.6
±0.2
0.6
±0.2
0.6
±0.2
0.6
±0.2
0.6
±0.2
0.6
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
0.6
±0.2
0.6
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
0.047
±20%, 10%
0.068
±20%, 10%
0.10
±20%, 10%
0.12
±20%, 10%
0.15
±20%, 10%
0.18
±20%, 10%
0.22
±20%, 10%
0.27
±20%, 10%
0.33
±20%, 10%
0.39
±20%, 10%
0.47
±20%, 10%
0.56
±20%, 10%
0.68
±20%, 10%
0.82
±20%, 10%
1.0
±20%, 10%
1.2
±20%, 10%
1.5
±20%, 10%
1.8
±20%, 10%
2.2
±20%, 10%
2.7
±20%, 10%
3.3
±20%, 10%
3.9
±20%, 10%
4.7
±20%, 10%
5.6
±20%, 10%
6.8
±20%, 10%
8.2
±20%, 10%
10.0
±20%, 10%
12.0
±20%, 10%
15.0
±20%
18.0
±20%
22.0
±20%
27.0
±20%
33.0
±20%
20
20
20
20
20
20
20
20
20
25
25
25
25
25
45
45
45
45
45
45
45
45
45
50
50
50
50
50
35
35
35
35
35
50
50
25
25
25
25
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
4
4
4
2
2
1
1
1
1
0.4
320
280
235
220
200
185
170
150
145
135
125
115
105
100
75
65
60
55
50
45
41
38
35
32
29
26
24
22
19
18
16
14
13
0.15
0.25
0.25
0.30
0.30
0.40
0.40
0.50
0.60
0.50
0.60
0.70
0.80
0.90
0.40
0.50
0.50
0.50
0.60
0.60
0.70
0.80
0.90
0.70
0.80
0.90
1.00
1.05
0.70
0.70
0.90
0.90
1.05
300
300
250
250
250
250
250
250
250
200
200
150
150
150
100
100
50
50
50
50
50
50
50
25
25
25
25
15
5
5
5
5
5
Part No.
(3216 type)
Product’s
Thickness
(mm)
Inductance
(
μH)
Q
min
DC
resistance
(
Ω),max
Rated
current
(mA),max
L, Q test
frequency
(MHZ)
SRF
(MHZ),
min
CIL 3216(1206) TYPE
17
: Tolerance (K : ±10%, M : ±20%)
Test equipment : HP4291A+HP16193A


Similar Part No. - CIL31Y5R6MBE

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
CIL352 CDIL-CIL352 Datasheet
137Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
More results

Similar Description - CIL31Y5R6MBE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA3D6N20SA KEC-KMA3D6N20SA_12 Datasheet
705Kb / 5P
   This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
SHANGHAI BELLING CO., L...
BL7430EC BELLING-BL7430EC Datasheet
137Kb / 4P
   It has 104bits EEPROM with logical encryption and function
logo
E&E Magnetic Products L...
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
logo
KEC(Korea Electronics)
KF2N60L KEC-KF2N60L Datasheet
1Mb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
MORNSUN Science& Techno...
KF4N80F MORNSUN-KF4N80F Datasheet
391Kb / 6P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
logo
KEC(Korea Electronics)
KF1N60L KEC-KF1N60L Datasheet
882Kb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVX12120 CSB-BATTERY-EVX12120_16 Datasheet
812Kb / 2P
   It has high cycling life, high and long service life.l
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com