Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0420501HYC Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 5962-0420501HYC
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-0420501HYC Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 5962-0420501HYC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5962-0420501HYC Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Figure 10. Propagation Delay vs. VCC
Figure 11. Propagation Delay vs. IF
Figure 12. Propagation Delay vs. Temperature
Figure 13. Propagation Delay vs. Rg
Figure 14. Propagation Delay vs. Cg
Figure 15. Transfer Characteristics
Figure 16. Input Current vs. Forward Voltage
100
200
300
400
500
15
30
VCC - SUPPLY VOLTAGE - V
TPLH
TPHL
IF = 10mA, TA = 25˚C
Rg = 47Ω, Cg = 3nF,
Duty Cycle = 50%
f = 10kHz
20
25
100
150
200
250
300
350
400
450
500
5
10152025
IF - FORWARD LED CURRENT - mA
TPHL
TPLH
VCC = 30V, VEE = 0V
TA = 25˚C
Rg = 47 Ω, Cg = 3nF
Duty Cycle = 50%
f =10kHz
100
150
200
250
300
350
400
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
IF(ON) = 10mA
IF(OFF) = 0mA
VCC = 30V, VEE = 0V
Rg = 47 Ω, Cg = 3nF
Duty Cycle = 50%
f =10kHz
TPLH
TPHL
100
200
300
400
500
Rg - SERIES LOAD RESISTANCE - Ω
50
100
150
200
0
TPLH
TPHL
100
200
300
400
500
0
20
40
60
80
100
Cg - LOAD CAPACITANCE - nF
TPLH
TPHL
0
0
IF - FORWARD LED CURRENT - mA
5
25
15
1
30
2
5
20
10
4
3
1.10
1.20
1.30
1.40
1.50
1.60
VF - FORWARD VOLTAGE - VOLTS
TA = 25
oC
1000
100
10
1
0.1
0.01
0.001


Similar Part No. - 5962-0420501HYC

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
5962-04205 BOARDCOM-5962-04205 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results

Similar Description - 5962-0420501HYC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com