Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0420501HPC Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # 5962-0420501HPC
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-0420501HPC Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button 5962-0420501HPC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 14Page - Agilent(Hewlett-Packard) 5962-0420501HPC Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Figure 23. tPLH, tPHL, tr, and tf Test Circuit and Waveforms
Figure 24. CMR Test Circuit and Waveforms
0.1 µF
V CC = 15
to 30 V
47
1
3
IF = 10 to 18 mA
V O
+
+
2
4
8
6
7
5
10 KHz
50% DUTY
CYCLE
500
3 nF
IF
V OUT
tPHL
tPLH
tf
tr
10%
50%
90%
Tr = Tf < 10 ns
_
_
_
0.1 µF
V CC = 30 V
1
3
IF
V O
+
+
2
4
8
6
7
5
A
+
B
V CM = 1000 V
5 V
V CM
∆t
0 V
V O
SWITCH AT B: IF = 0 mA
V O
SWITCH AT A: IF = 10 mA
V OL
V OH
∆t
V CM
δV
δt
=
_
_
_


Similar Part No. - 5962-0420501HPC

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
5962-04205 BOARDCOM-5962-04205 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results

Similar Description - 5962-0420501HPC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com