Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9121 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9121
Description  Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9121 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9121 Datasheet HTML 1Page - Maxim Integrated Products MAX9121 Datasheet HTML 2Page - Maxim Integrated Products MAX9121 Datasheet HTML 3Page - Maxim Integrated Products MAX9121 Datasheet HTML 4Page - Maxim Integrated Products MAX9121 Datasheet HTML 5Page - Maxim Integrated Products MAX9121 Datasheet HTML 6Page - Maxim Integrated Products MAX9121 Datasheet HTML 7Page - Maxim Integrated Products MAX9121 Datasheet HTML 8Page - Maxim Integrated Products MAX9121 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Quad LVDS Line Receivers with
Integrated Termination and Flow-Through Pinout
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (EN,
EN)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
0
0.8
V
Input Current
IIN
VIN_ = VCC or 0
-15
15
µA
SUPPLY
Supply Current
ICC
Enabled, inputs open
9
15
mA
Disabled Supply Current
ICCZ
Disabled, inputs open
0.07
0.5
mA
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, CL = 15pF, differential input voltage |VID| = 0.2V to 1.0V, common-mode voltage VCM = |VID/2| to 2.4V -
|VID/2|, input rise and fall time = 1ns (20% to 80%), input frequency = 100MHz, TA = -40°C to +85°C. Typical values are at VCC =
+3.3V, VCM = 1.2V, |VID| = 0.2V, TA = +25°C, unless otherwise noted.) (Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Propagation Delay
High to Low
tPHLD
Figures 2 and 3
1.2
1.93
2.7
ns
Differential Propagation Delay
Low to High
tPLHD
Figures 2 and 3
1.2
1.79
2.7
ns
Differential Pulse Skew [tPHLD -
tPLHD] (Note 5)
tSKD1
Figures 2 and 3
140
300
ps
Differential Channel-to-Channel
Skew (Note 6)
tSKD2
Figures 2 and 3
400
ps
Differential Part-to-Part Skew
(Note 7)
tSKD3
Figures 2 and 3
0.8
ns
Differential Part-to-Part Skew
(Note 8)
tSKD4
Figures 2 and 3
1.5
ns
Rise-Time
tTLH
Figures 2 and 3
0.55
1.0
ns
Fall-Time
tTHL
Figures 2 and 3
0.54
1.0
ns
Disable Time High to Z
tPHZ
RL = 2k
Ω, Figures 4 and 5
14
ns
Disable Time Low to Z
tPLZ
RL = 2k
Ω, Figures 4 and 5
14
ns
Enable Time Z to High
tPZH
RL = 2k
Ω, Figures 4 and 5
70
ns
Enable Time Z to Low
tPZL
RL = 2k
Ω, Figures 4 and 5
70
ns
Maximum Operating Frequency
(Note 9)
fMAX
All channels switching
250
300
MHz
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, differential input voltage |VID| = 0.1V to 1.0V, common-mode voltage VCM = |VID/2| to 2.4V - |VID/2|,
TA = -40°C to +85°C. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
MAX9123 MAXIM-MAX9123 Datasheet
215Kb / 10P
   Quad LVDS Line Driver with Flow-Through Pinout
Rev 0; 2/01
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
Maxim Integrated Produc...
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
MAX9129 MAXIM-MAX9129 Datasheet
378Kb / 13P
   Quad Bus LVDS Driver with Flow-Through Pinout
Rev 0; 8/01
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com