Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A54SX16P-PQ208I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A54SX16P-PQ208I
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX16P-PQ208I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A54SX16P-PQ208I Datasheet HTML 1Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 2Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 3Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX16P-PQ208I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
54S X Fam ily FPG A s
2
v3.1
Gener al Desc ription
Actel’s SX family of FPGAs features a sea-of-modules
architecture
that
delivers
device
performance
and
integration levels not currently achieved by any other FPGA
architecture. SX devices greatly simplify design time, enable
dramatic
reductions
in
design
costs
and
power
consumption, and further decrease time to market for
performance-intensive applications.
Actel’s SX architecture features two types of logic modules,
the combinatorial cell (C-cell) and the register cell (R-cell),
each optimized for fast and efficient mapping of synthesized
logic functions. The routing and interconnect resources are
in the metal layers above the logic modules, providing
optimal use of silicon. This enables the entire floor of the
device to be spanned with an uninterrupted grid of
fine-grained,
synthesis-friendly
logic
modules
(or
“sea-of-modules”), which reduces the distance signals have
to travel between logic modules. To minimize signal
propagation delay, SX devices employ both local and general
routing resources. The high-speed local routing resources
(DirectConnect and FastConnect) enable very fast local
signal propagation that is optimal for fast counters, state
machines, and datapath logic. The general system of
segmented routing tracks allows any logic module in the
array to be connected to any other logic or I/O module.
Within this system, propagation delay is minimized by
limiting the number of antifuse interconnect elements to
five (90 percent of connections typically use only three
antifuses). The unique local and general routing structure
featured in SX devices gives fast and predictable
performance, allows 100 percent pin-locking with full logic
utilization, enables concurrent PCB development, reduces
design time, and allows designers to achieve performance
goals with minimum effort.
Further complementing SX’s flexible routing structure is a
hard-wired, constantly loaded clock network that has been
tuned to provide fast clock propagation with minimal clock
skew. Additionally, the high performance of the internal
logic has eliminated the need to embed latches or flip-flops
in the I/O cells to achieve fast clock-to-out or fast input
set-up times. SX devices have easy-to-use I/O cells that do
not require HDL instantiation, facilitating design re-use and
reducing design and verification time.
Orde ring I n fo rmation
Application (Temperature Range)
Blank = Commercial (0 to +70°C)
I = Industrial (–40 to +85°C)
M = Military (–55 to +125°C)
PP = Pre-production
Package Type
BG = Ball Grid Array
PL = Plastic Leaded Chip Carrier
PQ = Plastic Quad Flat Pack
TQ = Thin (1.4 mm) Quad Flat Pack
VQ = Very Thin (1.0 mm) Quad Flat Pack
FG = Fine Pitch Ball Grid Array (1.0 mm)
Speed Grade
Blank = Standard Speed
–1 = Approximately 15% Faster than Standard
–2 = Approximately 25% Faster than Standard
–3 = Approximately 35% Faster than Standard
Part Number
A54SX08
= 12,000 System Gates
A54SX16
= 24,000 System Gates
A54SX16P = 24,000 System Gates
A54SX32
= 48,000 System Gates
Package Lead Count
A54SX16
PQ
208
2
Blank = Not PCI Compliant
P = PCI Compliant
P


Similar Part No. - A54SX16P-PQ208I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX16P-P-1BGG208I ACTEL-A54SX16P-P-1BGG208I Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16P-P-1PLG208I ACTEL-A54SX16P-P-1PLG208I Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16P-P-2BGG208I ACTEL-A54SX16P-P-2BGG208I Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16P-P-2PLG208I ACTEL-A54SX16P-P-2PLG208I Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16P-P-3BGG208I ACTEL-A54SX16P-P-3BGG208I Datasheet
504Kb / 64P
   SX Family FPGAs
More results

Similar Description - A54SX16P-PQ208I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com