Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61508 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M61508
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M61508 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61508 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
CLOCK AND DATA TIMING
CLOCK
DATA
25%
75%
t r
t f
t cr
t WHC
t WLC
t SD
t HD
8
DIGITAL BLOCK ALTERNATING CURRENT CHARACTERISTIC
Unit
Symbol
Parameter
Limits
Min
typ
Max
t cr
t WHC
t WLC
t r
t f
t SD
t HD
CLOCK Cycle Time
CLOCK Pulse Width ("H" level)
CLOCK Pulse Width ("L" level)
CLOCK Rise Time
CLOCK Hall Time
DATA Setup Time
DATA Hold Time
4
1.6
1.6
0.8
0.8
0.4
0.4
uS


Similar Part No. - M61508

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
MTRONPTI
M61508SFCN MTRONPTI-M61508SFCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61508SFSN MTRONPTI-M61508SFSN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61508STCN MTRONPTI-M61508STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61508STSN MTRONPTI-M61508STSN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
More results

Similar Description - M61508

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
   Tone Control/Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com